Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 35Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 36Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 37Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
33
33663
TYPICAL APPLICATION
OPERATIONAL MODES
TYPICAL APPLICATION
The 33663 can be configured for several applications. The figure below shows LIN2 as a slave node and LIN1 as a master
node application. An additional pull-up resistor of 1.0 k
 in series with a diode must be added when the device is used in the
master node.
Figure 26. 33663 Typical Application
*
VDD
RXD1
TXD1
I/O
MCU
VDD
Regulator
12V
5V or
3.3V
D1
C1
47μF
C2
100nF
VBAT
LIN Bus1
I/O_2
RXD2
TXD2
C3
100nF
TXD1
RXD1
EN1
INH1
LIN1
GND
INH2
LIN2
LIN Bus2
R6
1k
D2
WAKE1
VSUP
WAKE2
R1
18k
*
VDD
TXD2
RXD2
EN2
R2
18k
C4
100nF
R4
18k
R5
18k
LIN
MODULE 2
(LIN 2)
33663
R6
2.2k
R3
2.2k
*: Optional 2.2k if implemented
LIN
MODULE 1
(LIN 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com