Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33663
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
WAKE1, WAKE2 INPUT PINS
High to Low Detection Threshold (5.5 V < VSUP < 7 V)
VWUHL1
2.0
3.9
V
Low to High Detection Threshold (5.5 V < VSUP < 7 V)
VWULH1
2.4
4.3
V
Hysteresis (5.5 V < VSUP < 7 V)
VWUHYS1
0.2
0.8
V
High to Low Detection Threshold (7 V
VSUP < 27 V)
VWUHL2
2.4
3.9
V
Low to High Detection Threshold (7 V
VSUP < 27 V)
VWULH2
2.9
4.3
V
Hysteresis (7 V
VSUP < 27 V)
VWUHYS2
0.2
0.8
V
Wake-up Input Current (VWAKE < 27 V)
IWU
5.0
µA
Table 5. Static Electrical Characteristics
Characteristics noted under conditions 7.0 V
 VSUP  18 V, -40 C  TA  125 C, GND = 0 V, unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com