Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  33663 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33663
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33663 14-SOIC Pin Connections
Table 2. 33663 Pin Definitions
Pin
Pin Name
Formal Name
Definition
1
WAKE1
Wake Input
This pin is a high-voltage input used to wake-up the LIN1 from Sleep mode.
2
TXD1
Data Input
This pin is the transmitter input of the LIN1 interface which controls the state of the bus
output.
3
LIN1
LIN Bus
This bidirectional pin represents the LIN1 single-wire bus transmitter and receiver.
4
LIN2
LIN Bus
This bidirectional pin represents the LIN2 single-wire bus transmitter and receiver.
5
INH2
Inhibit Output
This pin can have two main functions: controlling an external switchable voltage
regulator having an inhibit input, or driving an external bus resistor connected to LIN2 in
the master node application.
6
RXD2
Data Output
This pin is the receiver output of the LIN2 interface, which reports the state of the bus
voltage to the MCU interface.
7
EN2
Enable Control
This pin controls the operation mode of the LIN2 interface.
8
WAKE2
Wake Input
This pin is a high-voltage input used to wake-up the LIN2 device from Sleep mode.
9
GND
Ground
This pin is the device ground pin.
10
TXD2
Data Input
This pin is the transmitter input of the LIN2 interface, which controls the state of the bus
output.
11
VSUP
Power Supply
This pin is device battery level power supply.
12
INH1
Inhibit Output
This pin can have two main functions: controlling an external switchable voltage
regulator having an inhibit input, or driving an external bus resistor connected to LIN1 in
the master node application.
13
RXD1
Data Output
This pin is the receiver output of the LIN1 interface, which reports the state of the bus
voltage to the MCU interface.
14
EN1
Enable Control
This pin controls the operation mode of the LIN1 interface.
11
12
13
14
TXD1
LIN2
EN1
RXD1
INH1
LIN1
INH2
RXD2
EN2
GND
TXD2
VSUP
9
10
1
2
3
4
5
6
7
8
WAKE1
WAKE2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com