Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 24Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 25Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 26Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
Analog Integrated Circuit Device Data
28
Freescale Semiconductor
33663
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
As described by the following, the 33663L, 33663J, and 33663S have two operational modes, Normal and Sleep. In addition,
there are two transitional modes: Awake mode which allows the device to go into Normal mode, and Preparation to Sleep mode
which allows the device to go into Sleep mode.
NORMAL OR SLOW BAUD RATE
In the Normal mode, the LIN bus can transmit and receive information.
The 33663L and 33663S (20 kbps) have a slew rate and timing compatible with Normal Baud Rate and LIN protocol
specification 1.3, 2.0, 2.1, and 2.2.
The 33663J (10 kbps) has a slew rate and timing compatible with Low Baud Rate.
From Normal mode, the three devices can enter into Fast Baud Rate (Toggle function).
FAST BAUD RATE
In fast baud rate, the slew rate is around 10 times faster than the normal baud rate. This allows very fast data transmission
(>100 kbps) -- for example, electronic control unit (ECU) tests and microcontroller program download. The bus pull-up resistor
might be adjusted to ensure a correct RC time constant in line with the high baud rate used.
The following sequence is applicable to both LIN Modules independently.
Fast baud rate is entered via a special sequence (called toggle function) as follows:
1. EN1 pin set LOW while TXD1 is HIGH
2. TXD1 stays HIGH for 12.5 µs min
3. TXD1 set LOW for 12.5 µs min
4. TXD1 pulled HIGH for 12.5 µs min
5. EN1 pin set LOW to HIGH while TXD1 still HIGH
The LIN Module enters into the fast baud rate if the delay between step 1 to step 5 is 45 µs maximum. The toggle function is
described in Figures 19. Once in fast baud rate, the same toggle function just described previously is used to bring the LIN Module
1 back into normal baud rate.
Fast baud rate selection is reported to the MCU by the RXD1 pin. Once the LIN Module 1 enters in this fast baud rate, the
RXD1 pin goes at low level for t5. When LIN Module 1 returns to normal baud rate with the same toggle function, the RXD1 pin
stays high. Both sequences are illustrated in Figures 19 and 20.
PREPARATION TO SLEEP MODE
The following sequence is applicable to both LIN Modules simultaneously or separately. Here it is detailed with the LIN Module
1.
To enter the Preparation to Sleep mode, EN1 must be low for a delay higher than tLWUE.
• If the WAKE1 pin state doesn’t change during tSD and tLWUE, then the LIN Module 1 goes in Sleep Mode.
• If the WAKE1 pin state changes during tSD and if tWF is reached after end of tSD, then the LIN Module 1 goes into Sleep
mode after the end of tSD timing.
• If the WAKE1 pin state changes during tSD and tWF delay has been reached before end of tSD, then the LIN Module 1 goes
into Awake Mode.
• If the WAKE1 pin state changes before tSD and the delay tWF ends during tSD, then the LIN Module 1 goes in Awake Mode.
• If EN1 goes high for a delay higher than tLWUE, the LIN Module 1 returns in Normal mode.
SLEEP MODE
The following Sleep mode paragraph is applicable to both LIN Modules simultaneously or separately. LIN Module 1 is an
example.
To enter into Sleep mode, EN1 must be low for a delay longer than tSD and the WAKE1 pin must stay in the same state (High
or Low) during this delay. The LIN Module 1 conditions to not enter Sleep mode, but enter Awake mode are detailed in the
Preparation into Sleep Mode chapter. See Figure 23.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com