Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33663
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL RATINGS
INH Voltage/Current (VINH1, VINH2)
DC Voltage
Transient (Coupled Through 1.0 nF Capacitor, according to ISO7637-2 &
ISO7637-3 & “Hardware Requirements for LIN, CAN and Flexray Interfaces
in Automotive Applications” specification Rev1.1 / December 2nd, 2009) (See
Table 4 and Figure 7)
- Pulse 1 (test up to the limit for Damage - Class D(3))
- Pulse 2a (test up to the limit for Damage - Class D(3))
- Pulse 3a (test up to the limit for Damage - Class D(3))
- Pulse 3b (test up to the limit for Damage - Class D(3))
VINH
VINH(S1)
VINH(S2a)
VINH(S3a)
VINH(S3b)
-0.3 to VSUP + 0.3
-100
+75
-150
+100
V
Notes
3.
Class D: At least one function of the Transceiver stops working properly during the test and will return into proper operation automatically
when the exposure to the disturbance has ended. No physical damage of the IC occurs.
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com