Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33663 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
Document Number: MC33663
Rev. 1.0, 7/2012
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2012. All rights reserved.
LIN 2.1 / SAEJ2602-2 Dual LIN
Physical Layer
The local interconnect network (LIN) is a serial communication
protocol designed to support automotive networks in conjunction with
controller area network (CAN). As the lowest level of a hierarchical
network, LIN enables cost-effective communication with sensors and
actuators when all the features of CAN are not required.
The 33663 product line integrates two physical layer LIN bus
dedicated to automotive LIN sub-bus applications. The MC33663LEF
and MC33663SEF devices offer normal baud rate (20 kbps) and the
MC33663JEF slow baud rate (10 kbps). Both devices integrate fast
baud rate (above 100 kbps) for test and programming modes. They
present excellent electromagnetic compatibility (EMC) and radiated
emission performance, electrostatic discharge (ESD) robustness and
safe behavior, in the event of LIN bus short-to-ground or LIN bus
leakage during low-power mode.
Features
• Operational from VSUP 7.0 to 18 V DC, functional up to 27 V DC,
and handles 40 V during load dump
• Compatible with LIN protocol specification 2.1, and SAEJ2602-2
• Very high immunity against electromagnetic interference
• Low standby current in Sleep mode
• Over-temperature protection
• Permanent dominant state detection
• Fast baud rate mode selection reported by RXD
• Active bus waveshaping offering excellent radiated emission
performance
•Sustains ±15.0 kV ESD IEC6100-4-2 on LIN BUS and VSUP pins
• 5.0 and 3.3 V compatible digital inputs without any external components required
Figure 1. 33663 Simplified Application Diagram
DUAL LIN TRANSCEIVER
EF SUFFIX (PB-FREE)
98ASB42565B
14-PIN SOICN
33663
ORDERING INFORMATION
Device
(add an R2 suffix for
Tape and reel orders)
Temperature
Range (TA)
Package
MC33663ALEF
-40 to 125°C
14 SOICN
MC33663AJEF
MC33663ASEF
VSUP
EN1
RXD1
TXD1
EN2
RXD2
TXD2
GND
WAKE1
WAKE2
INH1
INH2
LIN1
LIN2
VDD
12 V
5.0 or
3.3 V
33663
MCU
Regulator
VBAT
LIN Interface 1
LIN Interface 2
1.0 k
1.0 k


Similar Part No. - 33663

ManufacturerPart #DatasheetDescription
logo
Littelfuse
336638-000 LITTELFUSE-336638-000 Datasheet
708Kb / 10P
PolySwitch® Resettable PPTCs Line-Voltage-Rated Devices
Revised: GD. 12/20/20
More results

Similar Description - 33663

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
LIN Enhanced Physical Interface
logo
Texas Instruments
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
LIN Physical Interface
logo
Freescale Semiconductor...
33399 FREESCALE-33399 Datasheet
435Kb / 19P
Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
TJA1021 NXP-TJA1021 Datasheet
500Kb / 25P
LIN 2.1/SAE J2602 transceiver
Rev. 05-22 October 2009
TJA1021 NXP-TJA1021_10 Datasheet
564Kb / 25P
LIN 2.1/SAE J2602 transceiver
Rev. 6-30 December 2010
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
LIN PHYSICAL INTERFACE
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
LIN Physical Interface
logo
Freescale Semiconductor...
MC33662LEF FREESCALE-MC33662LEF Datasheet
577Kb / 31P
LIN 2.1 / SAEJ2602-2, LIN Physical Layer
logo
NXP Semiconductors
MC33662 NXP-MC33662 Datasheet
774Kb / 31P
ISO 17987/LIN 2.x/SAEJ2602-2 LIN Physical Layer
Rev. 8.0, 12/2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com