Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
17
33663
ELECTRICAL CHARACTERISTICS
TIMING DIAGRAMS
Figure 9. LIN1, LIN2 Timing Measurements for Normal Baud Rate (33663L, 33663S)
Figure 10. LIN1, LIN2 Timing Measurements for Slow Baud Rate (33663J)
TXD
LIN
RXD
TBIT
TBIT
tBUS_DOM(MAX)
tBUS_REC(MIN)
tREC_PDF(1)
74.4% VSUP
42.2% VSUP
58.1% VSUP
28.4% VSUP
tBUS_REC(MAX)
VLIN_REC
tBUS_DOM(MIN)
RXD
Output of receiving Node 1
Output of receiving Node 2
THREC(MAX)
THDOM(MAX)
THREC(MIN)
THDOM(MIN)
Thresholds of
receiving node 1
Thresholds of
receiving node 2
tREC_PDR(1)
tREC_PDF(2)
tREC_PDR(2)
TXD
LIN
RXD
TBIT
TBIT
tBUS_DOM(MAX)
tBUS_REC(MIN)
tREC_PDF(1)
77.8% VSUP
38.9% VSUP
61.6% VSUP
25.1% VSUP
tBUS_REC(MAX)
VLIN_REC
tBUS_DOM(MIN)
RXD
Output of receiving Node 1
Output of receiving Node 2
THREC(MAX)
THDOM(MAX)
THREC(MIN)
THDOM(MIN)
Thresholds of
receiving node 1
Thresholds of
receiving node 2
tREC_PDR(1)
tREC_PDF(2)
tREC_PDR(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com