Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 31 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 31 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 27Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 28Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 29Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 30Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 31Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 32Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 33Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 34Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 35Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
31
33663
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
Figure 25. Operational and Transitional Modes State
Table 7. Explanation of Operational and Transitional Modes State Diagram (each transceiver)
Operational/
Transitional
LIN1, LIN2
INH1
INH2
EN1
EN2
TXD1, TXD2
RXD1, RXD2
Sleep Mode
Recessive state, driver off with
725 k
 pull-up.
OFF
(low)
LOW
X
High-impedance. HIGH if
external pull-up to VDD.
Awake
Recessive state, driver off.
725 k
 pull-up active.
ON
(high)
LOW
X
LOW.
If external pull-up, HIGH-to-LOW
transition reports wake-up.
Preparation
to Sleep
Mode
Recessive state, driver off with
725 k
 pull-up
ON
(high)
LOW
X
High-impedance. HIGH if
external pull-up to VDD.
Normal Mode
Driver active. 30 k
 pull-up
active.
Normal Baud Rate for 33662L
and 33662S
Slow Baud Rate for 33662J
Fast Baud Rate (> 100 kbps) for
33662L, 33662S & 33662J
ON
(high)
HIGH
LOW to drive LIN bus in dominant
HIGH to drive LIN bus in
recessive.
Report LIN bus state:
• Low LIN bus dominant
• High LIN bus recessive
X = Don’t care.
Power-Up
Awake
Sleep
Preparation
to Sleep
LIN1
Normal Baud Rate or
Slow Baud Rate
Fast Baud Rate
(10x)
EN1 HIGH TO LOW for t >tLWUE
EN1 LOW TO HIGH for t> tLWUE
EN1 LOW TO HIGH for t>tLWUE
Toggle Function
(4)
Toggle Function (4)
EN1 HIGH TO LOW for t >tLWUE
EN1 LOW TO HIGH for t >tLWUE
LIN MODULE 1
Sleep
Preparation to
Sleep
LIN2
Normal Baud Rate or
Slow Baud Rate
Fast Baud Rate
(10x)
EN2 LOW TO HIGH for t > tLWUE
EN2 HIGH TO LOW for t >tLWUE
Toggle Function
(4)
Toggle Function
(4)
EN2 HIGH TO LOW for t >tLWUE
EN2 LOW TO HIGH for t >tLWUE
EN2 LOW TO HIGH for t >tLWUE
LIN MODULE 2
Awake
LIN1 bus dominant pulse
for t>tWUF
(2)
Or
WAKE1 pin state changes
for t>tWF
(3)
Internal WAKE1
(1)
State changes during tSD
LIN2 bus dominant pulse
for t>tWUF
(2)
Or
WAKE2 pin state changes
for t>tWF
(3)
Internal WAKE2
(1)
State changes during tSD
VSUP > VPOR
Internal WAKE1 (1)
state doesn’t change
during tSD
Internal WAKE2 (1)
State doesn’t change
during tSD
(1):internal WAKE is the WAKE signal filtered by tWF (WAKE deglitcher)
(2)
:see figures 15 and 18
(3)
:see figures 14 and 17
(4)
:the Toogle Function is guaranteed at ambiant and hot temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com