Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33663 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # 33663
Description  LIN 2.1 / SAEJ2602-2 Dual LIN Physical Layer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33663 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button 33663 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 19Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 20Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 21Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 22Page - Freescale Semiconductor, Inc 33663 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
19
33663
ELECTRICAL CHARACTERISTICS
FUNCTIONAL DIAGRAMS
FUNCTIONAL DIAGRAMS
Figure 14. LIN Module 1 EN1 Pin Wake-up with TXD1
High & LIN Module 2 in Normal Mode
Figure 15. LIN Module 1 in Normal Mode & LIN Module 2
LIN2 Wake-up with TXD2 LOW
INH1
EN1
LIN1
tLWUE
RXD1
(High Z)
TXD1 (High or Low)
Normal Mode
WAKE1
Normal Mode
EN2
INH2
LIN2
RXD2
WAKE2
TXD2
VBUSWU
tWUF
RXD2 (High Z)
Awake Mode
TXD2 (High or Low)
WAKE2
LIN2
INH2
EN2
Normal Mode
EN1
INH1
LIN1
RXD1
WAKE1
TXD1
tFIRST_DOM
Normal Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com