Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 112 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 112 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 108Page - Sony Corporation CXD3003 Datasheet HTML 109Page - Sony Corporation CXD3003 Datasheet HTML 110Page - Sony Corporation CXD3003 Datasheet HTML 111Page - Sony Corporation CXD3003 Datasheet HTML 112Page - Sony Corporation CXD3003 Datasheet HTML 113Page - Sony Corporation CXD3003 Datasheet HTML 114Page - Sony Corporation CXD3003 Datasheet HTML 115Page - Sony Corporation CXD3003 Datasheet HTML 116Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 137 page
background image
– 112 –
CXD3003R
$35 (preset: $35 58 2D)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
FT1
FT0
FS5
FS4
FS3
FS2
FS1
FS0
FTZ
FG6
FG5
FG4
FG3
FG2
FG1
FG0
FT1, FT0, FTZ: Focus search-up speed
Default value: 010 (0.673
× VDD V/s)
Focus drive output conversion
FT1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
0
0
0
0
1
1
1
1
1.35
× VDD
0.673
× VDD
0.449
× VDD
0.336
× VDD
1.79
× VDD
1.08
× VDD
0.897
× VDD
0.769
× VDD
FT0
FTZ
Focus search speed [V/s]
FS5 to FS0:
Focus search limit voltage
Default value: 011000 (±24/64
× VDD, VDD: PWM driver supply voltage)
Focus drive output conversion
FG6 to FG0: AGF convergence gain setting value
Default value: 0101101
$36 (preset: $36 0E 2E)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
TDZC DTZC TJ5
TJ4
TJ3
TJ2
TJ1
TJ0 SFJP TG6
TG5
TG4
TG3
TG2
TG1
TG0
TDZC:
Selects the TZC signal for generating the TRKCNCL signal during brake circuit operation.
TDZC = 0: the edge of the HPTZC or STZC signal, whichever has the faster phase, is used.
TDZC = 1: the edge of the HPTZC or STZC signal or the tracking drive signal zero-cross,
whichever has the faster phase, is used. (See §5-12.)
DTZC:
DTZC delay (8.5/4.25µs, when MCK = 128Fs)
Default value: 0 (4.25µs)
TJ5 to TJ0:
Track jump voltage
Default value: 001110 (
≈ ±14/64 × VDD, VDD: PWM driver supply voltage)
Tracking drive output conversion
SFJP:
Surf jump mode on/off
The tracking PWM output is made by adding the tracking filter output and TJReg (TJ5 to 0), by
setting D7 to 1 (on)
TG6 to TG0:
AGT convergence gain setting value
Default value: 0101110
∗
∗: preset, VDD: PWM driver supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com