Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXD3003 Datasheet(PDF) 114 Page - Sony Corporation

Part # CXD3003
Description  CD Digital Signal Processor with Built-in Digital Servo and DAC
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3003 Datasheet(HTML) 114 Page - Sony Corporation

Back Button CXD3003 Datasheet HTML 110Page - Sony Corporation CXD3003 Datasheet HTML 111Page - Sony Corporation CXD3003 Datasheet HTML 112Page - Sony Corporation CXD3003 Datasheet HTML 113Page - Sony Corporation CXD3003 Datasheet HTML 114Page - Sony Corporation CXD3003 Datasheet HTML 115Page - Sony Corporation CXD3003 Datasheet HTML 116Page - Sony Corporation CXD3003 Datasheet HTML 117Page - Sony Corporation CXD3003 Datasheet HTML 118Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 137 page
background image
– 114 –
CXD3003R
$38 (preset: $38 00 00)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
VCLM VCLC FLM FLC0 RFLM RFLC AGF AGT
DFS LKSW TBLM TCLM FLC1 TLC2 TLC1 TLC0
VCLM: VC level measurement (on/off)
VCLC: VC level compensation for FCS In register (on/off)
FLM:
Focus zero level measurement (on/off)
FLC0:
Focus zero level compensation for FZC register (on/off)
RFLM: RF zero level measurement (on/off)
RFLC: RF zero level compensation (on/off)
AGF:
Focus auto gain adjustment (on/off)
AGT:
Tracking auto gain adjustment (on/off)
DFSW: Defect disable switch (on/off)
Setting this switch to 1 (on) disables the defect countermeasure circuit.
LKSW: Lock switch (on/off)
Setting this switch to 1 (on) disables the sled free-running prevention circuit.
TBLM: Traverse center measurement (on/off)
TCLM: Tracking zero level measurement (on/off)
FLC1:
Focus zero level compensation for FCS In register (on/off)
TLC2:
Traverse center compensation (on/off)
TLC1:
Tracking zero level compensation (on/off)
TLC0:
VC level compensation for TRK/SLD In register (on/off)
Note) Commands marked with
are accepted every 2.9ms. (when MCK = 128Fs)
All commands are on when set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com