Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 7 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 3Page - STMicroelectronics ISO8200B Datasheet HTML 4Page - STMicroelectronics ISO8200B Datasheet HTML 5Page - STMicroelectronics ISO8200B Datasheet HTML 6Page - STMicroelectronics ISO8200B Datasheet HTML 7Page - STMicroelectronics ISO8200B Datasheet HTML 8Page - STMicroelectronics ISO8200B Datasheet HTML 9Page - STMicroelectronics ISO8200B Datasheet HTML 10Page - STMicroelectronics ISO8200B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
ISO8200B
Pin connection
Doc ID 023802 Rev 1
7/33
2
Pin connection
Figure 2.
Pin connection (top view)
Table 1.
Pin description
Pin
Name
Description
1
NC
Not connected
2
Vdd
Positive logic supply
3
OUT_EN
Output enable
4
SYNC
Chip select
5LOAD
Load input data
6
IN1
Channel 1 input
7
IN2
Channel 2 input
8
IN3
Channel 3 input
9
IN4
Channel 4 input
10
IN5
Channel 5 input
11
IN6
Channel 6 input
12
IN7
Channel 7 input
13
IN8
Channel 8 input
14
FAULT
Common fault indication - active low
15
GNDdd
Input logic ground, negative logic supply
16
NC
Not connected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com