Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 10 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 6Page - STMicroelectronics ISO8200B Datasheet HTML 7Page - STMicroelectronics ISO8200B Datasheet HTML 8Page - STMicroelectronics ISO8200B Datasheet HTML 9Page - STMicroelectronics ISO8200B Datasheet HTML 10Page - STMicroelectronics ISO8200B Datasheet HTML 11Page - STMicroelectronics ISO8200B Datasheet HTML 12Page - STMicroelectronics ISO8200B Datasheet HTML 13Page - STMicroelectronics ISO8200B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Thermal data
ISO8200B
10/33
Doc ID 023802 Rev 1
4
Thermal data
5
Electrical characteristics
(10.5 V < VCC < 36 V; -25 °C < TJ < 125 °C, unless otherwise specified.)
Table 3.
Thermal data
Symbol
Parameter
Max. value
Unit
Rth j-case
Thermal resistance, junction-to-case(1)
1.
For each channel
1.3
°C/W
Rth j-amb
Thermal resistance, junction-to-ambient
TBD
Table 4.
Power section
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vcc(under)THON
Vcc undervoltage turn-
ON threshold
9.5
10.5
V
Vcc(under)THOFF
Vcc undervoltage turn-
OFF threshold
9V
Vcc(hys)
Vcc undervoltage
hysteresis
0.4
0.5
V
Vccclamp
Clamp on Vcc pin
Iclamp = 20 mA
45
50
52
V
R
DS(ON)
On-state resistance (1)
1.
See Figure 3.
IOUT = 0.5 A, T
J = 25 °C
IOUT = 0.5 A
0.1
TBD
0.2
Ω
Ω
Rpd
Output pull-down resistor
210
k
Ω
Icc
Power supply current
All channels in OFF state
All channels in ON state
5.5
10
TBD
TBD
mA
mA
ILGND
Ground disconnection
output current
500
µA
VOUT(OFF)
Off-state output voltage
Channel OFF and IOUT = 0 A
3
V
IOUT(OFF)
Off-state output current
Channel OFF and VOUT = 0 V
5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com