Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 9 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 5Page - STMicroelectronics ISO8200B Datasheet HTML 6Page - STMicroelectronics ISO8200B Datasheet HTML 7Page - STMicroelectronics ISO8200B Datasheet HTML 8Page - STMicroelectronics ISO8200B Datasheet HTML 9Page - STMicroelectronics ISO8200B Datasheet HTML 10Page - STMicroelectronics ISO8200B Datasheet HTML 11Page - STMicroelectronics ISO8200B Datasheet HTML 12Page - STMicroelectronics ISO8200B Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
ISO8200B
Absolute maximum rating
Doc ID 023802 Rev 1
9/33
3
Absolute maximum rating
Table 2.
Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
VCC
Power supply voltage
-0.3
45
V
Vdd
Digital supply voltage
-0.3
6.5
V
VIN
DC input pins, ld & output enable voltage
-0.3
+6.5
V
VFAULT Fault voltage
-0.3
+6.5
V
IGNDdd DC digital ground reverse current
-25
mA
IOUT
Channel output current (continuous)
Internally
limited
A
IGNDcc
DC power ground reverse current
-250
mA
IR
Reverse output current (per channel)
-5
A
IIN
DC input pins, ld & output enable current
-10
+ 10
mA
IFAULT
Fault current
-10
+ 10
mA
VESD
Electrostatic discharge with human body model
(R = 1.5 K
Ω; C = 100 pF)
2000
V
EAS
Single pulse avalanche energy per channel not
simultaneously
300
mJ
PTOT
Power dissipation at Tc = 25 °C
Internally
limited(1)
1.
Protection functions are intended to avoid IC damage in fault conditions and are not intended for
continuous operation. Continuous or repetitive operation of protection functions may reduce the IC lifetime.
W
TJ
Junction operating temperature
Internally
limited(1)
°C
TSTG
Storage temperature
-55 to 150
°C
VISO
Dielectric isolation voltage
TBD
VRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com