Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 18 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 14Page - STMicroelectronics ISO8200B Datasheet HTML 15Page - STMicroelectronics ISO8200B Datasheet HTML 16Page - STMicroelectronics ISO8200B Datasheet HTML 17Page - STMicroelectronics ISO8200B Datasheet HTML 18Page - STMicroelectronics ISO8200B Datasheet HTML 19Page - STMicroelectronics ISO8200B Datasheet HTML 20Page - STMicroelectronics ISO8200B Datasheet HTML 21Page - STMicroelectronics ISO8200B Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Functional description
ISO8200B
18/33
Doc ID 023802 Rev 1
6.2
Direct control mode (DCM)
When SYNC and LOAD inputs are driven by the same signal, the device operates in direct
control mode (DCM).
In DCM the SYNC / LOAD signal operates as an active low input enable:
●
when the signal is high, the current output configuration is kept regardless of the input
values
●
when the signal is low, each channel input directly drives the respective output
This operation mode can also be set by shorting both the signals to the digital ground; in this
case the channel outputs are always directly driven by the inputs except when OUT_EN is
low (outputs disabled).
Figure 9.
Direct control mode IC configuration
Table 14.
Interface signal operation in direct control mode
SYNC / LOAD
OUT_EN
Device behavior
Don’t care
Low(1)
1.
The outputs are turned off on OUT_EN falling edge and they are kept disabled as long as it is low.
The outputs are disabled (turned off).
High
High
The outputs are left unchanged.
Low
High
The channel inputs drive the outputs.
Vdd
Vdd
GNDdd
GND
Vdd
LOAD
OUT_EN
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
SYNC
FAULT
Vdd
MCU
ISO8200
LOAD
OUT_EN
Vdd
Vdd
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
GNDdd
GND
SYNC
FAULT
Vdd
Vdd
MCU
ISO8200
Inputs are enabled by MCU through
the SYNC/LOAD signals
Inputs are always enabled
(outputs can be disabled through OUT_EN)
GPIO
GPIO
AM14897v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com