Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 16 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 16 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 12Page - STMicroelectronics ISO8200B Datasheet HTML 13Page - STMicroelectronics ISO8200B Datasheet HTML 14Page - STMicroelectronics ISO8200B Datasheet HTML 15Page - STMicroelectronics ISO8200B Datasheet HTML 16Page - STMicroelectronics ISO8200B Datasheet HTML 17Page - STMicroelectronics ISO8200B Datasheet HTML 18Page - STMicroelectronics ISO8200B Datasheet HTML 19Page - STMicroelectronics ISO8200B Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
Functional description
ISO8200B
16/33
Doc ID 023802 Rev 1
6
Functional description
6.1
Parallel interface
The Smart parallel interface built into the ISO8200B offers three interfacing signals, which
are easily manageable from a microcontroller.
The LOAD signal enables the input buffer to store the value of the channel inputs.
The SYNC signal copies the input buffer value into the transmission buffer and manages the
synchronization between the low voltage side and the channel outputs on the isolated side.
The OUT_EN signal enables the channel outputs.
An internal refresh signal updates the configuration of the channel outputs with a frefresh
frequency. This signal can be disabled forcing low the SYNC input when LOAD is high.
Managing SYNC and LOAD pins in direct control mode (DCM) or synchronous control mode
(SCM) can be implemented.
The operation of these two signals is described by the following table:
6.1.1
Input signals (IN1 to IN8)
Inputs from IN1 to IN8 are the driving signals of the corresponding OUT1 to OUT8 outputs.
The present data are directly loaded on related outputs if SYNC and LOAD inputs are low
(DCM operation) or stored into input buffer when LOAD is low and SYNC is high.
6.1.2
Load input data (LOAD)
The input is active low; it stores the present data of IN1 to IN8 into the input buffer.
Table 13.
Interface signal operation (general)
LOAD
SYNC
OUT_EN
Device behavior
Don’t care
Don’t care
Low (1)
1.
The outputs are turned off on OUT_EN falling edge and they are kept disabled as long as it is low.
The outputs are disabled (turned off).
High
High
High
The outputs are left unchanged.
Low
High
High
The input buffer is enabled.
The outputs are left unchanged.
High
Low
High
The internal refresh signal is disabled.
The transmission buffer is updated.
The outputs are left unchanged.
Don’t care
High
The outputs are updated according to current
transmission buffer value.
Low
Low
High
The device operates in direct control mode as
described in the respective paragraph.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com