Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 15 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 11Page - STMicroelectronics ISO8200B Datasheet HTML 12Page - STMicroelectronics ISO8200B Datasheet HTML 13Page - STMicroelectronics ISO8200B Datasheet HTML 14Page - STMicroelectronics ISO8200B Datasheet HTML 15Page - STMicroelectronics ISO8200B Datasheet HTML 16Page - STMicroelectronics ISO8200B Datasheet HTML 17Page - STMicroelectronics ISO8200B Datasheet HTML 18Page - STMicroelectronics ISO8200B Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
ISO8200B
Electrical characteristics
Doc ID 023802 Rev 1
15/33
Table 11.
IEC 60747-5-2 insulation characteristics
Symbol
Parameter
Test condition
Characteristic
Unit
Installation classification (EN
60664-1, Table 1) (1)(2)
1.
These ratings refer to reinforced insulation. If only basic insulation is needed, the installation categories of
each mains voltage level can be scaled up one level.
2.
For three-phase systems the values in the table refer to the line-to-neutral voltage.
For rated mains voltage = 50 V
RMS
I–IV
For rated mains voltage = 100 V
RMS
I–III
Pollution degree (EN 60664-1)
2
VIORM
Maximum working insulation
voltage
60
VPEAK
Vini
Input to output test voltage (3)
3.
Type and sample tests. A 3563 V DC test with TBD s duration is performed at production level.
tini < 5 s
1644
VPEAK
Partial discharge < 5 pC
Vp
tm = 1 s
1315
VPEAK
Partial discharge < 5 pC
VIOTM
Transient overvoltage (3)
(highest allowable overvoltage)
tini = 60 s
3500
VPEAK
RIO
Insulation resistance
VIO = 500 V at TS
>109
Ω
Table 12.
Device immunity specifications
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
DVISO/dt
Common mode transient
immunity
DVISO = 600V
-25
25
V/ns
BIM
Magnetic field immunity
IEC61000-4-8
TBD
mT
HFI
Radiated immunity
According to IEC61000-4-3
10
V/m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com