Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 12 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 8Page - STMicroelectronics ISO8200B Datasheet HTML 9Page - STMicroelectronics ISO8200B Datasheet HTML 10Page - STMicroelectronics ISO8200B Datasheet HTML 11Page - STMicroelectronics ISO8200B Datasheet HTML 12Page - STMicroelectronics ISO8200B Datasheet HTML 13Page - STMicroelectronics ISO8200B Datasheet HTML 14Page - STMicroelectronics ISO8200B Datasheet HTML 15Page - STMicroelectronics ISO8200B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
Electrical characteristics
ISO8200B
12/33
Doc ID 023802 Rev 1
Figure 3.
RDS(on) measurement
Table 7.
Power switching characteristics (VCC = 24 V; -25 °C < TJ < 125 °C)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
dV/dt(ON)
Turn-ON voltage slope
IOUT = 0.5 A, resistive
load 48
Ω
-
5.6
-
V/µs
dV/dt(OFF)
Turn-OFF voltage slope
IOUT = 0.5 A, resistive
load 48
Ω
2.81
V/µs
td(ON)DCM
Turn-ON delay time(1)
in DCM mode
1.
See Figure 4, Figure 5, and Figure 6.
IOUT = 0.5 A, resistive
load 48
Ω
17
µs
td(OFF)DCM
Turn-OFF delay time (1)
in DCM mode
IOUT = 0.5 A, resistive
load 48
Ω
22
µs
td(ON)SCM
Turn-ON delay time (1)
in SCM mode
IOUT = 0.5 A, resistive
load 48
Ω
17
µs
td(OFF)SCM
Turn-OFF delay time (1)
in SCM mode
IOUT = 0.5 A, resistive
load 48
Ω
22
µs
tf
Fall time (1)
IOUT = 0.5 A, resistive
load
5µs
tr
Rise time (1)
IOUT = 0.5 A, resistive
load
5µs
TAB Vcc
VRdson
Load
AM14891v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com