Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 14 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 10Page - STMicroelectronics ISO8200B Datasheet HTML 11Page - STMicroelectronics ISO8200B Datasheet HTML 12Page - STMicroelectronics ISO8200B Datasheet HTML 13Page - STMicroelectronics ISO8200B Datasheet HTML 14Page - STMicroelectronics ISO8200B Datasheet HTML 15Page - STMicroelectronics ISO8200B Datasheet HTML 16Page - STMicroelectronics ISO8200B Datasheet HTML 17Page - STMicroelectronics ISO8200B Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Electrical characteristics
ISO8200B
14/33
Doc ID 023802 Rev 1
Table 9.
Parallel interface timings (Vdd = 5 V; Vcc= 24 V; -25 °C < TJ < 125 °C)
Symbol
Parameter
Test condition
Min.
Typ. Max.
Unit
tsu(SYNC)
SYNC setup time
Sync. control mode
80
ns
th(SYNC)
SYNC hold time
Sync. control mode
80
ns
tdis(SYNC)
SYNC disable time
Sync. control mode
10
µ
tdis(DCM)
SYNC LOAD
disable time
Direct control mode
80
ns
tw(SYNC)
SYNC negative
pulse width
Sync. control mode
20
195
µs
tsu(LOAD)
LOAD setup time
Sync. control mode
80
ns
th(LOAD)
LOAD hold time
Sync. control mode
400
ns
tw(LOAD)
LOAD pulse width
Sync. control mode
240
ns
tsu(IN)
Input setup time
80
ns
th(IN)
Input hold time
10
ns
tw(IN)
Input pulse width
Sync. control mode
160
ns
Direct control mode
20
µs
tINLD
IN to LOAD time
Direct control mode
From IN variation to LOAD falling
edge.
80
ns
tLDIN
LOAD to IN time
Direct control mode.
From LOAD falling edge to IN
variation.
400
ns
tw(OUT_EN)
OUT_EN pulse
width
150
ns
tp(OUT_EN)
OUT_EN
propagation
Delay
TBD
µs
tjitter(SCM)
Jitter on single
channel
Sync. mode
6
µs
frefresh
Refresh delay
13.5
15
16.7
kHz
Table 10.
Insulation and safety-related specifications
Symbol
Parameter
Condition
Value
Unit
CLR
Clearance (*) (minimum
external air gap)
Measured from input terminals to output
terminals, the shortest distance through air
TBD
mm
CPG
Creepage (*) (minimum
external tracking)
Measured from input terminals to output
terminals, the shortest distance path along body
TBD
mm
Isolation group
Material group (DIN VDE 0110, 1/89, Table 1.)
III



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com