Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 20 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 20 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 16Page - STMicroelectronics ISO8200B Datasheet HTML 17Page - STMicroelectronics ISO8200B Datasheet HTML 18Page - STMicroelectronics ISO8200B Datasheet HTML 19Page - STMicroelectronics ISO8200B Datasheet HTML 20Page - STMicroelectronics ISO8200B Datasheet HTML 21Page - STMicroelectronics ISO8200B Datasheet HTML 22Page - STMicroelectronics ISO8200B Datasheet HTML 23Page - STMicroelectronics ISO8200B Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Functional description
ISO8200B
20/33
Doc ID 023802 Rev 1
Figure 11.
Synchronous control mode IC configuration
Table 15.
Interface signal operation in synchronous control mode
LOAD
SYNC
OUT_EN
Device behavior
Don’t care
Don’t care
Low (1)
1.
The outputs are turned off on OUT_EN falling edge and they are kept disabled as long as it is low.
The outputs are disabled (turned off).
High
High
High
The outputs are left unchanged.
Low
High
High
The input buffer is enabled.
The outputs are left unchanged.
High
Low
High
The internal refresh signal is disabled.
The transmission buffer is updated.
The outputs are left unchanged.
High
Rising edge
High
The outputs are updated according to the current
transmission buffer value.
Low
Low
High
Should be avoided. (DCM operation only)
Vdd
Vdd
GNDdd
GND
Vdd
LOAD
OUT_EN
IN1
IN2
IN3
IN4
IN5
IN6
IN7
IN8
SYNC
FAULT
Vdd
MCU
ISO8200
GPIO
AM14899v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com