Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 19 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 15Page - STMicroelectronics ISO8200B Datasheet HTML 16Page - STMicroelectronics ISO8200B Datasheet HTML 17Page - STMicroelectronics ISO8200B Datasheet HTML 18Page - STMicroelectronics ISO8200B Datasheet HTML 19Page - STMicroelectronics ISO8200B Datasheet HTML 20Page - STMicroelectronics ISO8200B Datasheet HTML 21Page - STMicroelectronics ISO8200B Datasheet HTML 22Page - STMicroelectronics ISO8200B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
ISO8200B
Functional description
Doc ID 023802 Rev 1
19/33
Figure 10.
Direct control mode time diagram
6.3
Synchronous control mode (SCM)
When SYNC and LOAD inputs are independently driven, the device can operate in
synchronous control mode (SCM). The SCM is used to reduce the jittering of the outputs
and to drive all the outputs of different devices at the same time.
In SCM the LOAD signal is forced low in order to update the input buffer while the SYNC
signal is high. After that, the LOAD signal is raised and the SYNC one is forced low for at
least tSYNC(SCM). During this period, the internal refresh is disabled and any pending
transmission between the low voltage and the isolated side is completed. When the SYNC
signal is raised the channel output configuration is changed according to the one stored in
the input.
If the tSYNC(SCM) limit is met, the maximum jitter of the channel outputs is tjitter(SCM).
If more devices share the same SYNC signal, all device outputs change simultaneously with
a maximum jitter related to maximum delay and maximum jitter for single devices.
INX
SYNC
LOAD
OUTX
Internal
refresh
th(IN)
tdis(DMC)
tINLD
tLDIN
td(ON)DCM
td(OFF)DCM
tf
tr
1/frefresh
tsu(IN)
tw(IN)
AM14898v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com