Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 11 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 7Page - STMicroelectronics ISO8200B Datasheet HTML 8Page - STMicroelectronics ISO8200B Datasheet HTML 9Page - STMicroelectronics ISO8200B Datasheet HTML 10Page - STMicroelectronics ISO8200B Datasheet HTML 11Page - STMicroelectronics ISO8200B Datasheet HTML 12Page - STMicroelectronics ISO8200B Datasheet HTML 13Page - STMicroelectronics ISO8200B Datasheet HTML 14Page - STMicroelectronics ISO8200B Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
ISO8200B
Electrical characteristics
Doc ID 023802 Rev 1
11/33
Table 5.
Digital supply voltage
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vdd(under)
Vdd undervoltage protection
turn-OFF threshold
2.8
2.9
3
V
Vdd(hys)
Vdd undervoltage hysteresis
TBD
0.1
V
Idd
Vdd supply current
Input channel with a
steady logic level
5TBD
mA
Table 6.
Diagnostic pin and output protection function
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VFAULT
FAULT pin open drain
voltage output low
IFAULT = 10 mA
0.4
V
ILFAULT
FAULT output leakage
current
VFAULT = 5 V
1
2
µA
IPEAK
Maximum DC output
current (1)
1.
Current level from open load to short-circuit until thermal intervention.
1.4
A
ILIM
Short-circuit current
limitation
RLOAD = 0
Ω
0.7
1.1
1.7
A
Hyst
ILIM tracking limits
RLOAD = 0
Ω
0.3
A
TJSD
Junction shutdown
temperature
150
170
°C
TJR
Junction reset temperature
150
°C
THIST
Junction thermal
hysteresis
20
°C
TCSD
Case shutdown
temperature
115
130
145
°C
TCR
Case reset temperature
110
°C
TCHYST Case thermal hysteresis
TBD
20
°C
V
demag
Output voltage at turn-OFF IOUT = 0.5 A; ILOAD > = 1 mH
Vcc-
45
Vcc-50 Vcc-52
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com