Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 25 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 25 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 21Page - STMicroelectronics ISO8200B Datasheet HTML 22Page - STMicroelectronics ISO8200B Datasheet HTML 23Page - STMicroelectronics ISO8200B Datasheet HTML 24Page - STMicroelectronics ISO8200B Datasheet HTML 25Page - STMicroelectronics ISO8200B Datasheet HTML 26Page - STMicroelectronics ISO8200B Datasheet HTML 27Page - STMicroelectronics ISO8200B Datasheet HTML 28Page - STMicroelectronics ISO8200B Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
ISO8200B
Power section
Doc ID 023802 Rev 1
25/33
7.2
Thermal protection
The device is protected against overheating due to overload conditions. During the driving
period, if the output is overloaded, the device suffers two different thermal stresses, the
former related to the junction, and the latter related to the case.
The two faults have different trigger thresholds: the junction protection threshold is higher
than the case protection one; generally the first protection that is activated in thermal stress
conditions is the junction thermal shutdown. The output is turned off when the temperature
is higher than the related threshold and turned back on when it goes below the reset
threshold. This behavior continues until the fault on the output is present.
If the thermal protection is active and the temperature of the package increases over the
fixed case protection threshold, the case protection is activated and the output is switched
off and back on when the junction temperature of each channel in fault and case
temperature are below the respective reset thresholds.
Figure 17 shows the thermal protection behavior, while Figure 18 reports typical
temperature trends and output vs. input state.
Figure 17.
Thermal protection flowchart
Input IN(i) HIGH
Output (i) ON
Fault(i) Off
TJ(i) >TJSD
TC >TCSD
TC >TCR
Output (i) OFF
Fault(i) ON
N
Y
Y
N
Y
N
TJR >TJ(i)
Y
N
AM14995v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com