Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 1 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 1 Page - STMicroelectronics

  ISO8200B Datasheet HTML 1Page - STMicroelectronics ISO8200B Datasheet HTML 2Page - STMicroelectronics ISO8200B Datasheet HTML 3Page - STMicroelectronics ISO8200B Datasheet HTML 4Page - STMicroelectronics ISO8200B Datasheet HTML 5Page - STMicroelectronics ISO8200B Datasheet HTML 6Page - STMicroelectronics ISO8200B Datasheet HTML 7Page - STMicroelectronics ISO8200B Datasheet HTML 8Page - STMicroelectronics ISO8200B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
October 2012
Doc ID 023802 Rev 1
1/33
33
ISO8200B
Galvanic isolated octal high-side smart power solid state relay
Datasheet
− target specification
Features
■ Parallel input interface
■ Direct and synchronous control mode
■ High common mode transient immunity
■ Output current: 0.7 A per channel
■ Short-circuit protection
■ Channel overtemperature protection
■ Thermal independence of separate channels
■ Common output disable pin
■ Case overtemperature protection
■ Loss of GNDcc and Vcc protection
■ Undervoltage shutdown with auto restart and
hysteresis
■ Overvoltage protection (Vcc clamping)
■ Very low supply current
■ Common fault open drain output
■ 5 V and 3.3 V TTL/CMOS compatible I/Os
■ Fast demagnetization of inductive loads
■ Reset function for IC outputs disable
■ ESD protection
Applications
■ Programmable logic control
■ Industrial PC peripheral input/output
■ Numerical control machines
■ Drivers for all types of loads (resistive,
capacitive, inductive)
Description
The ISO8200B is a galvanic isolated 8-channel
driver featuring a very low supply current. It
contains 2 independent galvanic isolated voltage
domains (Vcc for the power stage and Vdd for the
digital stage). Additional embedded functions are:
loss of GND protection, undervoltage shutdown
with hysteresis, and reset function for immediate
power output shutdown.
The IC is intended to drive any kind of load with
one side connected to ground. Active channel
current limitation combined with thermal
shutdown, (independent for each channel), and
automatic restart, protect the device against
overload and short-circuit. In overload conditions,
if junction temperature overtakes threshold, the
channel involved is turned off and on again
automatically after the IC temperature decreases
below a reset threshold. If this condition causes
case temperature to reach the limit threshold
TCR, the overloaded channel is turned off and
only restarts when case and junction temperature
decrease down to the reset thresholds. Non-
overloaded channels continue to operate
normally. An internal circuit provides an OR-wired
non latched common FAULT indicator signaling
the channel OVT. The FAULT pin is an open drain
active low fault indication pin.
Type
Vdemag
(1)
1.
Per channel
RDS(on)
(1)
Iout
(1)
Vcc
ISO8200B Vcc- 45 V
0.11
Ω
0.7 A
45 V
PowerSO36
www.st.com


Similar Part No. - ISO8200B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ISO8200BQ STMICROELECTRONICS-ISO8200BQ Datasheet
1Mb / 37P
Galvanic isolated octal high-side smart power solid state-relay
21-Apr-2017
ISO8200BQTR STMICROELECTRONICS-ISO8200BQTR Datasheet
1Mb / 37P
Galvanic isolated octal high-side smart power solid state-relay
21-Apr-2017
ISO8200BQTR STMICROELECTRONICS-ISO8200BQTR Datasheet
1Mb / 7P
Industrial digital output expansion board based on ISO8200BQ for STM32 Nucleo
26-May-2023
More results

Similar Description - ISO8200B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VNI8200XP-32 STMICROELECTRONICS-VNI8200XP-32 Datasheet
2Mb / 43P
Octal high-side smart power solid-state relay with serial
24-Aug-2015
ISO8200BQ STMICROELECTRONICS-ISO8200BQ Datasheet
1Mb / 37P
Galvanic isolated octal high-side smart power solid state-relay
21-Apr-2017
ISO808 STMICROELECTRONICS-ISO808 Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay for high inductive loads
21-Dec-2022
ISO808A STMICROELECTRONICS-ISO808A Datasheet
1Mb / 38P
Galvanic isolated octal high-side power solid state relay with SPI interface for high inductive loads
Rev 1 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com