Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 17 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 13Page - STMicroelectronics ISO8200B Datasheet HTML 14Page - STMicroelectronics ISO8200B Datasheet HTML 15Page - STMicroelectronics ISO8200B Datasheet HTML 16Page - STMicroelectronics ISO8200B Datasheet HTML 17Page - STMicroelectronics ISO8200B Datasheet HTML 18Page - STMicroelectronics ISO8200B Datasheet HTML 19Page - STMicroelectronics ISO8200B Datasheet HTML 20Page - STMicroelectronics ISO8200B Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
ISO8200B
Functional description
Doc ID 023802 Rev 1
17/33
6.1.3
Output synchronization (SYNC)
The input is active low; it enables the ISO8200B transmission buffer to load the present data
of the input buffer and manages the transmission between the two isolated sides of the
device.
6.1.4
Watchdog
The isolated side of the device provides a watchdog function in order to guarantee a safe
condition when Vdd supply voltage is missing.
If the logic side does not update the output status within tWD, all the outputs are disabled
until a new update request is received.
The refresh signal is also considered a valid update signal, so the isolated side watchdog
does not protect the system from a failure of the host controller (e.g. MCU freezing).
Figure 7.
Watchdog behavior
6.1.5
Output enable (OUT_EN)
This pin provides a fast way to disable all the outputs simultaneously. When the OUT_EN
pin is driven low the outputs are disabled. To enable the output stage, it is then necessary to
raise the OUT_EN pin. This timing execution is compatible with an external reset push from
the operator, safety requirement, and permits in a PLC system, a microcontroller polling to
obtain all internal information during a reset procedure.
Figure 8.
Output channel enable timing
WD
SYNC
INPUT
OUTPUT
Timer
start
Timer
restart
Old data
New data
Old data
New data
tw(Sync)
WD
SYNC
INPUT
OUTPUT
Timer
start
Timer
stop
twd
tw(Sync)
Old data
New data
Outputs off
New data
AM14895v1
OUT_EN
tw(OUT_EN)
OUTx
tp(OUT_EN)
t
t
AM14896v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com