Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO8200B Datasheet(PDF) 13 Page - STMicroelectronics

Part # ISO8200B
Description  Galvanic isolated octal high-side smart power solid state relay
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ISO8200B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ISO8200B Datasheet HTML 9Page - STMicroelectronics ISO8200B Datasheet HTML 10Page - STMicroelectronics ISO8200B Datasheet HTML 11Page - STMicroelectronics ISO8200B Datasheet HTML 12Page - STMicroelectronics ISO8200B Datasheet HTML 13Page - STMicroelectronics ISO8200B Datasheet HTML 14Page - STMicroelectronics ISO8200B Datasheet HTML 15Page - STMicroelectronics ISO8200B Datasheet HTML 16Page - STMicroelectronics ISO8200B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
ISO8200B
Electrical characteristics
Doc ID 023802 Rev 1
13/33
Figure 4.
dV/dT
Figure 5.
td(ON)-td(OFF) synchronous mode
tf
tr
10%
80%
90%
t
Vout
AM14892v1
10%
90%
50%
td(ON)
td(OFF)
t
Sync
Vout
t
SCM
AM14893v1
Figure 6.
td(ON)-td(OFF) direct control mode
10%
90%
50%
td(ON)
td(OFF)
t
In(i)
Vout
t
DCM
AM14894v1
Table 8.
Logic input and output
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VIL
Logic input, LOAD and
OUT_EN low level voltage
-0.3
0.3 x Vdd
V
VIH
Logic input, LOAD and
OUT_EN high level
voltage
0.7 x Vdd
Vdd+0.3
V
VI(HYST)
Logic input, LOAD and
OUT_EN hysteresis
voltage
Vdd = 5 V
100
mV
IIN
Logic input, LOAD and
OUT_EN current
VIN = 5 V
10
µA
tWM
Power side watchdog time
272
320
368
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com