Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 8Page - STMicroelectronics TDA7512F Datasheet HTML 9Page - STMicroelectronics TDA7512F Datasheet HTML 10Page - STMicroelectronics TDA7512F Datasheet HTML 11Page - STMicroelectronics TDA7512F Datasheet HTML 12Page - STMicroelectronics TDA7512F Datasheet HTML 13Page - STMicroelectronics TDA7512F Datasheet HTML 14Page - STMicroelectronics TDA7512F Datasheet HTML 15Page - STMicroelectronics TDA7512F Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
Electrical specifications
TDA7512F
12/45
Doc ID 12668 Rev 2
CP1dB
1dB compression point
referred to diff. mixer input
-
100
-
dBµV
IIP3
3rd order intermodulation
-
-
122
-
dBµV
IQG
I/Q gain adjust
G
-1
-
+1
%
IQP
I/Q phase adjust
PH
-7
-
+8
DEG
IRR
Image rejection ratio
ratio wanted/image
30
40
-
dB
IRR
Image rejection ratio
with gain and phase adjust
40
46
-
dB
IF1 Amplifier1,2 (10.7 MHz)
G1min
Min. gain
IFG, referred to 330
Ω
-9-
dB
G1max
Max. gain
IFG, referred to 330
Ω
-15-
dB
G2min
Min. gain
IFG, referred to 330
Ω
-9-
dB
G2max
Max. gain
IFG, referred to 330
Ω
-11-
dB
RIN
Input resistance
-
-
330
-
Ω
ROUT
Output resistance
-
-
330
-
Ω
CP1dB
1dB compression point
referred to 330
Ω input
-
105
-
dBµV
IIP3
3rd order Intermodulation
referred to 330
Ω input
-
126
-
dBµV
Mixer 2 (450 kHz)
RIN
Input impedance
-
-
330
-
W
V46
Max. input voltage
-
-
900
-
mVRMS
V48
Limiting sensitivity
S/N = 20dB
-
25
-
µV
G
Mixer gain
-
-
18
-
dB
Limiter 1 (450 kHz)
GLimiter
Gain
-
-
80
-
dB
Demodulator, audio output
THD
Total harmonic distortion
Dev.= 75 kHz, V46 = 10 mVRMS
--
0.1
%
VMPX
MPX output signal
Dev.= 75 kHz
-
500
-
mVRMS
ROUT
Output resistance
-
-
50
-
Ω
|ΔV|min
DC offset fine adjust
DEM, MENA = 1
-
8.5
-
mV
|ΔV|max
DC offset fine adjust
DEM, MENA = 1
-
264
-
mV
S/N
Signal to noise
Dev.= 40 kHz,V46 = 10 mVRMS
-76-
dB
Quality detection
S-meter, unweighted fieldstrength
V46
Min. input voltage MIX2
-
-
10
-
µV
V14
Fieldstrength output
V46 = 0 VRMS
-0.1
-
V
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com