Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 27Page - STMicroelectronics TDA7512F Datasheet HTML 28Page - STMicroelectronics TDA7512F Datasheet HTML 29Page - STMicroelectronics TDA7512F Datasheet HTML 30Page - STMicroelectronics TDA7512F Datasheet HTML 31Page - STMicroelectronics TDA7512F Datasheet HTML 32Page - STMicroelectronics TDA7512F Datasheet HTML 33Page - STMicroelectronics TDA7512F Datasheet HTML 34Page - STMicroelectronics TDA7512F Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 45 page
background image
TDA7512F
Software specification
Doc ID 12668 Rev 2
31/45
0
0
1
----
-
discharge current 3µA, charge current mid 72µA narrow 122µA
0
1
0
----
-
discharge current 5µA, charge current mid 70 µA narrow 120µA
0
1
1
----
-
discharge current 7µA, charge current mid 68µA narrow 118µA
-
-
-----
-
-
1
1
1
----
-
discharge current 15µA,charge current mid 60µA narrow 110µA
Table 16.
Addr 8 quality ISS filter (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 17.
Addr 9 quality detection adjacent channel
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
--
---
--
0/1
Not valid
-
-
-
-
-
-
0
-
AC highpass frequency 100 kHz
-
-
-
-
-
-
1
-
AC bandpass frequency 100 kHz
-
-
-
-
-
0
-
-
AC gain 32 dB
-
-
-
-
-
1
-
-
AC gain 38 dB
-
-
0
0
0
-
-
-
AC wide band threshold 0.25 V
-
-
0
0
1
-
-
-
AC wide band threshold 0.35 V
-
-
0
1
0
-
-
-
AC wide band threshold 0.45 V
--
---
---
-
-
-
1
1
1
-
-
-
AC wide band threshold 0.95 V
0
0
-
-
-
-
-
-
AC narrow band threshold 0.0 V
0
1
-
-
-
-
-
-
AC narrow band threshold 0.1 V
1
0
-
-
-
-
-
-
AC narrow band threshold 0.2 V
1
1
-
-
-
-
-
-
AC narrow band threshold 0.3 V
Table 18.
Addr 10 quality detection multipath
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
-------
0
Multipath control “ON”
-------
1
Multipath control “OFF”
------
0
-
MP bandpass frequency 19 kHz
------
1
-
MP bandpass frequency 31 kHz
-----
0
-
-
MP gain 12 dB
-----
1
-
-
MP gain 23 dB
-
-
-
0
0
-
-
-
MP threshold 0.50 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com