Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 29Page - STMicroelectronics TDA7512F Datasheet HTML 30Page - STMicroelectronics TDA7512F Datasheet HTML 31Page - STMicroelectronics TDA7512F Datasheet HTML 32Page - STMicroelectronics TDA7512F Datasheet HTML 33Page - STMicroelectronics TDA7512F Datasheet HTML 34Page - STMicroelectronics TDA7512F Datasheet HTML 35Page - STMicroelectronics TDA7512F Datasheet HTML 36Page - STMicroelectronics TDA7512F Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
TDA7512F
Software specification
Doc ID 12668 Rev 2
33/45
--
--
---
-
-
-
-
-
-
-
1
1
1
Startpoint mute 7in application about 10dBμV antenna level
-
0
0
0
0
-
-
-
Mute depth 0 in application 18d B
-
0
0
0
1
-
-
-
Mute depth 1 in application 20 dB
-
0
0
1
0
-
-
-
Mute depth 2 in application 22 dB
-
0
0
1
1
-
-
-
Mute depth 3 in application 24 dB
-
-
-
-
-
-
-
-
- (logarithmically behaviour)
-
1
1
1
1
-
-
-
Mute depth 15 in application 36 dB
0
-
-
-
-
-
-
-
Mute disable
1
-
-
-
-
-
-
-
Mute enable
Table 20.
Addr 12 soft mute control 1 (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 21.
Addr 13 soft mute control 2
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
--
----
-
0
Disable mute threshold for ISS filter “ON”
--
----
-
1
Enable mute threshold for ISS filter “ON”
-
-
-
-
-
0
0
-
AC mute depth 10 dB
-
-
-
-
-
0
1
-
AC mute depth 8 dB
-
-
-
-
-
1
0
-
AC mute depth 6 dB
-
-
-
-
-
1
1
-
AC mute depth 4 dB
-
0000
-
-
-
AC mute threshold 60 mV
-
0001
-
-
-
AC mute threshold 80 mV
-
0010
-
-
-
AC mute threshold 100 mV
--
----
--
-
-
0111
-
-
-
AC mute threshold 340 mV
-
1111
-
-
-
AC mute “OFF”
0
-
----
--
AC mute filter 110 kHz
1
-
----
--
AC mute filter 100 kHz
Table 22.
Addr 14 VCODIV/PLLREF
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
-
-
-
-
-
-
0
0
not valid (only for testing)
-
-
-
-
-
-
0
1
VCO frequency divided by 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com