Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 18 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 18 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 14Page - STMicroelectronics TDA7512F Datasheet HTML 15Page - STMicroelectronics TDA7512F Datasheet HTML 16Page - STMicroelectronics TDA7512F Datasheet HTML 17Page - STMicroelectronics TDA7512F Datasheet HTML 18Page - STMicroelectronics TDA7512F Datasheet HTML 19Page - STMicroelectronics TDA7512F Datasheet HTML 20Page - STMicroelectronics TDA7512F Datasheet HTML 21Page - STMicroelectronics TDA7512F Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
Functional description
TDA7512F
18/45
Doc ID 12668 Rev 2
charge current is fixed and the discharge current is controlled by I2C Bus. This level
produces digital signals (ac, ac+) in an additional comparator4. The adjacent channel
information is available as analog output signal after rectifier and +8 dB output buffer.
4.3.3
Multipath detector
The input of the multipath detector is AC coupled from internal unweighted fieldstrength. A
programmable bandpass (MPF) and amplifier (MPG) as well as rectifier determines the
influences. This voltage is compared with an adjustable comparator2 thresholds (MPTH).
The output signal of this comparator 2 is used for the "Milano" effect. In this case the
adjacent channel detection is switched off. The "Milano" effect is selectable by I2C bus
(MPOFF). The multipath information is available as analog output signal after rectifier and
+8 dB output buffer.
4.3.4
450 kHz IF narrow bandpass filter (ISS filter)
The device gets an additional second IF narrow bandpass filter for suppression of noise and
adjacent channel signal influences. This narrow filter has three switchable bandwidthes,
narrow range of 80 kHz, mid range of 120 kHz and 30 kHz for weather band information.
Without ISS filter the IF bandwidth (wide range) is defined only by ceramic filter chain. The
filter is switched in after mixer 2 before 450 kHz limiter stage. The centre frequency is
matching to the demodulator center frequency.
4.3.5
Deviation detector
In order to avoid distortion in audio output signal the narrow ISS filter is switched OFF for
present overdeviation. Hence the demodulator output signal is detected.
A lowpass filtering and peak rectifier generates a signal that is defined by software
controlled current (TDEV) in an external capacitance. This value is compared with a
programmable comparator3 thresholds (DWTH, DTH) and generates two digital signals
(dev, dev+). For weak signal condition deviation threshold is proportinal to FSU.
4.3.6
ISS switch logic
All digital signals coming from adjacent channel detector, deviation detector and softmute
are acting via switching matrix on ISS filter switch. The IF bandpass switch mode is
controlled by software (ISSON, ISS30, ISS80, CTLOFF).
The switch ON of the IF bandpass is also available by external manipulation of the voltage at
PIN15.
Two application modes are available (APPM). The conditions are described in table 34.
4.4
Soft Mute control
The external fieldstrength signal at PIN 35 is the reference for mute control. The startpoint
and mute depth are programmable (SMTH, SMD) in a wide range. The time constant is
defined by external capacitance. Additional adjacent channel mute function is supported.
A highpass filter with -3 dB threshold frequency of 100 kHz, amplifier and peak rectifier
generates an adjacent noise signal from MPX output with the same time constant for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com