Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 9Page - STMicroelectronics TDA7512F Datasheet HTML 10Page - STMicroelectronics TDA7512F Datasheet HTML 11Page - STMicroelectronics TDA7512F Datasheet HTML 12Page - STMicroelectronics TDA7512F Datasheet HTML 13Page - STMicroelectronics TDA7512F Datasheet HTML 14Page - STMicroelectronics TDA7512F Datasheet HTML 15Page - STMicroelectronics TDA7512F Datasheet HTML 16Page - STMicroelectronics TDA7512F Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
TDA7512F
Electrical specifications
Doc ID 12668 Rev 2
13/45
V14
Fieldstrength output
V46 = 1 VRMS
-4.9
-
V
ΔV14
voltage per decade
SMSL = 0
-
1
-
V
ΔV14
voltage per decade
SMSL = 1
-
1.5
-
V
ΔV14
S-meter offset
SL, SMSL=1
-15
15
dB
ROUT
Output resistance
-
-
200
-
W
TK
Temp coeff.
-
-
0
-
ppm/K
S-meter, weighted fieldstrength
V35
Fieldstrength output
V46 = 0 VRMS
-2.5
-
V
V35
Fieldstrength output
V46 = 1 VRMS
-4.9
-
V
ROUT
Output resistance
-
-
12
-
kΩ
Adjacent channel gain
Gmin
Gain minimum
ACG=0
-
32
-
dB
Gmax
Gain maximum
ACG=1
-
38
-
dB
Adjacent channel filter
fHP
-3dB frequency highpass
ACF=0
-
100
-
kHz
fBP
Centre frequency
ACF=1
-
100
-
kHz
f-20dB
Attenuation 20dB
-
-
70
-
kHz
Adjacent channel output
V13
Output voltage low
-
-
0.1
-
V
V13
Output voltage high
-
-
4.9
-
V
ROUT
Output resistance
-
-
4
-
kΩ
Multipath channel gain
G
min
Gain minimum
MPG=0
-
12
-
dB
Gmax
Gain maximum
MPG=1
-
23
-
dB
Multipath bandpass filter
fLower
Centre frequency low
MPF=0
-
19
-
kHz
fUpper
Centre frequency up
MPF=1
-
31
-
kHz
Q
Quality factor
-
5
10
-
Multipath output
V34
Output voltage low
-
-
0.1
-
V
V34
Output voltage high
-
-
4.9
-
V
ROUT
Output resistance
-
-
2.5
-
k
Ω
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com