Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 25Page - STMicroelectronics TDA7512F Datasheet HTML 26Page - STMicroelectronics TDA7512F Datasheet HTML 27Page - STMicroelectronics TDA7512F Datasheet HTML 28Page - STMicroelectronics TDA7512F Datasheet HTML 29Page - STMicroelectronics TDA7512F Datasheet HTML 30Page - STMicroelectronics TDA7512F Datasheet HTML 31Page - STMicroelectronics TDA7512F Datasheet HTML 32Page - STMicroelectronics TDA7512F Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 45 page
background image
TDA7512F
Software specification
Doc ID 12668 Rev 2
29/45
Table 12.
Addr 3,4 TV1,2 (offset refered to tuning voltage PIN 28)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
-
0000
000
Tuning Voltage Offset = 0
-
0000
001
TVO = 25mV
-
0000
010
TVO = 50mV
-
------
-
-
-
1111
111
TVO = 3175mV
0
------
-
-TVO
1
------
-
+TVO
Table 13.
Addr 5 IF counter control 1
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
--
--
-
0
0
0
tSample = 20.48 ms (FM)128 ms (AM )
--
--
-
0
0
1
tSample = 10.24 ms (FM)64 ms (AM )
--
--
-
0
1
0
tSample = 5.12 ms (FM)32 ms (AM )
--
--
-
0
1
1
tSample = 2.56 ms (FM)16 ms (AM )
--
--
-
1
0
0
tSample = 1.28 ms (FM)8 ms (AM )
--
--
-
1
0
1
tSample = 640 µs (FM)4 ms (AM )
--
--
-
1
1
0
tSample = 320 µs (FM)2 ms (AM)
--
--
-
1
1
1
tSample = 160 µs (FM)1 ms (AM )
-
-
-
-
0
-
-
-
IF counter disable / stand by
-
-
-
-
1
-
-
-
IF counter enable
--
0
1
--
--
has to be set
-
0
-
-
-
-
-
-
Disable mute & AGC on hold
-
1
--
--
--
Enable mute & AGC on hold
0
-
-
-
-
-
-
-
Disable local mode
1
-
-
-
-
-
-
-
Enable local mode (PIN diode current = 0.5 mA) “ON”
Table 14.
Addr 6 IF Counter Control 2
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
-
-
-
0
0000
fCenter = 10.60625 MHz
-
-
-
0
0001
fCenter = 10.61250 MHz
---
----
-
-
-
-
-
0
1011
fCenter = 10.67500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com