Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 36 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 36 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 32Page - STMicroelectronics TDA7512F Datasheet HTML 33Page - STMicroelectronics TDA7512F Datasheet HTML 34Page - STMicroelectronics TDA7512F Datasheet HTML 35Page - STMicroelectronics TDA7512F Datasheet HTML 36Page - STMicroelectronics TDA7512F Datasheet HTML 37Page - STMicroelectronics TDA7512F Datasheet HTML 38Page - STMicroelectronics TDA7512F Datasheet HTML 39Page - STMicroelectronics TDA7512F Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
Software specification
TDA7512F
36/45
Doc ID 12668 Rev 2
0
-
-
-----
Overdeviation correction “ON”
1
-
-
-----
Overdeviation correction “OFF”
Table 26.
Addr 18 s-meter slider (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 27.
Addr 19 IF GAIN/XTAL adjust
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
---
--
--
0
IF1 gain2 9d B
-
-
-
-
-
-
-
1
IF1 gain2 11 dB
-
-
-
-
-
0
0
-
IF1 gain1 9 dB
-
-
-
-
-
0
1
-
IF1 gain1 11 dB
-
-
-
-
-
1
0
-
IF1 gain1 12 dB
-
-
-
-
-
1
1
-
IF1 gain1 15 dB
00
00
0
-
-
-
CLoad 0 pF
00
00
1
-
-
-
CLoad 0.75 pF
00
01
0
-
-
-
CLoad 1.5 pF
00
01
1
-
-
-
CLoad 2.25 pF
00
10
0
-
-
-
CLoad 3 pF
---
--
--
-
-
11
11
1
-
-
-
CLoad 23.25 pF
Table 28.
Addr 20 tank adjust
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
-
-
-
-
0
0
0
0
has to be set
0
0
0
0
-
-
-
-
10.7 MHz 0 pF
0
0
0
1
-
-
-
-
10.7 MHz 0.55 pF
0
0
1
0
-
-
-
-
10.7 MHz 1.1 pF
0
0
1
1
-
-
-
-
10.7 MHz 1.65 pF
-
-
-
---
--
-
1
1
1
1
-
-
-
-
10.7 Hz 8.25 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com