Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 20 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 20 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 16Page - STMicroelectronics TDA7512F Datasheet HTML 17Page - STMicroelectronics TDA7512F Datasheet HTML 18Page - STMicroelectronics TDA7512F Datasheet HTML 19Page - STMicroelectronics TDA7512F Datasheet HTML 20Page - STMicroelectronics TDA7512F Datasheet HTML 21Page - STMicroelectronics TDA7512F Datasheet HTML 22Page - STMicroelectronics TDA7512F Datasheet HTML 23Page - STMicroelectronics TDA7512F Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
Functional description
TDA7512F
20/45
Doc ID 12668 Rev 2
4.5.5
Inlock detector
Switching the chargepump in low current mode can be done either via software or
automatically by the inlock detector, by setting bit LDENA to "1".
After reaching a phase difference about lower than 40nsec the chargepump is forced in low
current mode. A new PLL divider alternation by I2C-Bus will switch the chargepump in the
high current mode.
4.5.6
Low noise CMOS op-amp
An internal voltage divider at pin VREF2 connects the positive input of the low noise op-
amp. The charge pump output connects the negative input. This internal amplifier in
cooperation with external components can provide an active filter.
While the high current mode is activated LPHC output is switched on.
4.5.7
IF counter block
The aim of IF counter is to measure the intermediate frequency of the tuner. The input signal
is the 10.7MHz IF level after limiter.
The grade of integration is adjustable by eight different measuring cycle times. The
tolerance of the accepted count value is adjustable, to reach an optimum compromise for
search speed and precision of the evaluation.
4.5.8
Sampling timer
A sampling timer generates the gate signal for the main counter. The basically sampling
time are in FM mode 6.25kHz (tTIM=160μs).
This is followed by an asynchronous divider to generate several sampling times.
4.5.9
Intermediate frequency main counter
This counter is a 11 - 21-bit synchronous autoreload down counter. Five bits (CF) are
programmable to have the possibility for an adjust to the centre frequency of the IF-filter.
The counter length is automatic adjusted to the chosen sampling time.
At the start the counter will be loaded with a defined value which is an equivalent to the
divider value (tSample xfIF).
If a correct frequency is applied to the IF counter frequency input at the end of the sampling
time the main counter is changing its state from 0h to 1FFFFFh.
This is detected by a control logic and an external search stop output is changing from LOW
to HIGH. The frequency range inside which a successful count result is adjustable by the
EW bits.
Counter result succeeded:
tTIM ≥ tCNT - tERR
tTIM ≤ tCNT + tERR
Counter result failed:
tTIM > tCNT + tERR
t
CNT
CF
1696
1
++
f
IF
-------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com