Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 26Page - STMicroelectronics TDA7512F Datasheet HTML 27Page - STMicroelectronics TDA7512F Datasheet HTML 28Page - STMicroelectronics TDA7512F Datasheet HTML 29Page - STMicroelectronics TDA7512F Datasheet HTML 30Page - STMicroelectronics TDA7512F Datasheet HTML 31Page - STMicroelectronics TDA7512F Datasheet HTML 32Page - STMicroelectronics TDA7512F Datasheet HTML 33Page - STMicroelectronics TDA7512F Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
Software specification
TDA7512F
30/45
Doc ID 12668 Rev 2
-
-
-
0
1100
fCenter = 10.68125 MHz
-
-
-
0
1101
fCenter = 10.68750 MHz
-
-
-
0
1110
fCenter = 10.69375 MHz
-
-
-
0
1111
fCenter = 10.70000 MHz
---
----
-
-
-
-
-
1
1111
fCenter = 10.80000 MHz
0
0
0
----
-
Not valid
0
0
1
----
-
Not valid
0
1
0
----
-
Not valid
0
1
1
----
-
Δf = 6.25kHz
1
0
0
----
-
Δf = 12.5kHz
1
0
1
----
-
Δf = 25kHz
1
1
0
----
-
Δf = 50kHz
1
1
1
----
-
Δf = 100kHz
Table 14.
Addr 6 IF Counter Control 2 (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 15.
Addr 7 not valid
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
000
000
00
has to be set
Table 16.
Addr 8 quality ISS filter
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
-
-
-----
0
ISS filter control “ON”
-
-----
1
ISS filter control “OFF”
-
-
----
0
-
Switch ISS filter “OFF”
-
-
----
1
-
Switch ISS filter “ON”
-
-
-
-
-
0
-
-
Switch “OFF” ISS filter 120kHz
-
-
-
-
-
1
-
-
Switch “ON” ISS filter 80kHz
-
-
-
-
0
-
-
-
Switch “OFF” ISS filter 30KHz for weatherband
-
-
-
-
1
-
-
-
Switch “ON” ISS filter 30KHz for weatherband
-
-
-
0
-
-
-
-
Disable TV offset for weather band
-
-
-
1
-
-
-
-
Enable TV offset for weather band (+4V)
0
0
0
----
-
discharge current1μA, charge current mid 74μΑ narrow124μΑ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com