Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 28 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 28 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 24Page - STMicroelectronics TDA7512F Datasheet HTML 25Page - STMicroelectronics TDA7512F Datasheet HTML 26Page - STMicroelectronics TDA7512F Datasheet HTML 27Page - STMicroelectronics TDA7512F Datasheet HTML 28Page - STMicroelectronics TDA7512F Datasheet HTML 29Page - STMicroelectronics TDA7512F Datasheet HTML 30Page - STMicroelectronics TDA7512F Datasheet HTML 31Page - STMicroelectronics TDA7512F Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
Software specification
TDA7512F
28/45
Doc ID 12668 Rev 2
Note:
Swallow mode: fVCO/fSYN = LSB + MSB + 32
-
-
-
-
1
1
1
1
High current = 7.5 mA
--
0
0
--
--
Low current = 0 µA
-
-
0
1
-
-
-
-
Low current = 50 µA
-
-
1
0
-
-
-
-
Low current = 100 µA
-
-
1
1
-
-
-
-
Low current = 150 µA
-
0
-
---
--
Select low current
-
1
-
---
--
Select high current
0
-
-
-
-
-
-
-
Lock detector disable
1
-
-
---
--
Lock detector enable
Table 9.
Addr 0 charge pump control (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 10.
Addr 1 PLL counter 1 (LSB)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
00000000
LSB = 0
00000001
LSB = 1
00000010
LSB = 2
--------
-
11111100
LSB = 252
11111101
LSB = 253
11111110
LSB = 254
11111111
LSB = 255
Table 11.
Addr 2 PLL counter 2 (MSB)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
0
0
0
000
00
MSB = 0
0
0
0
000
01
MSB = 256
0
0
0
000
10
MSB = 512
--
--
---
-
-
1
1
1
111
00
MSB = 64768
1
1
1
111
01
MSB = 65024
1
1
1
111
10
MSB = 65280
1
1
1
111
11
MSB = 65536



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com