Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 34 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 30Page - STMicroelectronics TDA7512F Datasheet HTML 31Page - STMicroelectronics TDA7512F Datasheet HTML 32Page - STMicroelectronics TDA7512F Datasheet HTML 33Page - STMicroelectronics TDA7512F Datasheet HTML 34Page - STMicroelectronics TDA7512F Datasheet HTML 35Page - STMicroelectronics TDA7512F Datasheet HTML 36Page - STMicroelectronics TDA7512F Datasheet HTML 37Page - STMicroelectronics TDA7512F Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 45 page
background image
Software specification
TDA7512F
34/45
Doc ID 12668 Rev 2
-
-
-
-
-
1
0
VCO frequency divided by 3
-
-
-
-
-
1
1
original VCO frequency
--
---
0
-
-
VCO” I” signal 0 °C
-
-
-
-
-
1
-
-
VCO “I” signal 180 °C
-
-
1
0
0
-
-
-
PLL reference frequency 50 kHz
-
-
1
0
1
-
-
-
PLL reference frequency 25 kHz
-
-
1
1
0
-
-
-
PLL reference frequency 10 kHz
-
-
1
1
1
-
-
-
PLL reference frequency 9 kHz
-
-
0
0
0
-
-
-
PLL reference frequency 2 kHz
0
0
-
-
-
-
-
-
has to be set
Table 22.
Addr 14 VCODIV/PLLREF (continued)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
Table 23.
Addr 15 FM AGC
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
---
---
0
0
RFAGC threshold V7-9TH= 85 (77 ANT) dBµV
---
---
0
1
RFAGC threshold V7-9TH= 90 (82 ANT) dBµV
---
---
1
0
RFAGC threshold V7-9TH= 94 (86 ANT) dBµV
---
---
1
1
RFAGC threshold V7-9TH= 96 (88 ANT) dBµV
-
-
-
-
0
0
-
-
IFAGC threshold V60TH= 86 (60 ANT) dBµV
-
-
-
-
0
1
-
-
IFAGC threshold V60TH= 92 (66 ANT) dBµV
-
-
-
-
1
0
-
-
IFAGC threshold V60TH= 96 (70 ANT) dBµV
-
-
-
-
1
1
-
-
IFAGC threshold V60TH= 98 (72 ANT) dBµV
-
0
0
0
-
-
-
-
KAGC threshold 80 dBµV
-
0
0
1
-
-
-
-
KAGC threshold 82 dBµV
-
0
1
0
-
-
-
-
KAGC threshold 84 dBµV
-
0
1
1
-
-
-
-
KAGC threshold 86 dBµV
-
1
0
0
-
-
-
-
KAGC threshold 88 dBµV
-
1
0
1
-
-
-
-
KAGC threshold 90 dBµV
-
1
1
0
-
-
-
-
KAGC threshold 92 dBµV
-
111
-
-
-
-
Keying AGC “OFF”
0
-
-
----
-
has to be “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com