Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 14 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 10Page - STMicroelectronics TDA7512F Datasheet HTML 11Page - STMicroelectronics TDA7512F Datasheet HTML 12Page - STMicroelectronics TDA7512F Datasheet HTML 13Page - STMicroelectronics TDA7512F Datasheet HTML 14Page - STMicroelectronics TDA7512F Datasheet HTML 15Page - STMicroelectronics TDA7512F Datasheet HTML 16Page - STMicroelectronics TDA7512F Datasheet HTML 17Page - STMicroelectronics TDA7512F Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
Electrical specifications
TDA7512F
14/45
Doc ID 12668 Rev 2
ISS (intelligent selectivity system)
Filter 450 kHz
fcentre
Centre frequency
fREF_intern = 450 kHz
-
450
-
kHz
BW 3dB
Bandwidth, -3dB
ISS80 = 1
-
80
-
kHz
BW 20dB
Bandwidth, -20dB
ISS80 = 1
-
150
-
kHz
BW 3dB
Bandwidth, -3dB
ISS80 = 0
-
120
-
kHz
BW 20dB
Bandwidth, -20dB
ISS80 = 0
-
250
-
kHz
BW 3dB
Bandwidth weather band
ISS30 = 1
-
30
-
kHz
BW 20dB
-20dB weather band
ISS30 = 1
-
80
-
kHz
Adjacent channel ISS filter threshold
VNTH
Internal low threshold
ACNTH
-
0
-
V
VNTH
Internal high threshold
ACNTH
-
0.3
-
V
VWTH
Internal low threshold
ACWTH
-
0.25
-
V
VWTH
Internal high threshold
ACWTH
-
0.95
-
V
Multipath threshold
VTHMP
Internal low threshold
MPTH
-
0.50
-
V
VTHMP
Internal high threshold
MPTH
-
1.25
-
V
ISS filter time constant
I15
Charge current low mid
TISS, ISSCTL = 1
-
-74
-
µA
I15
Charge current high mid
TISS, ISSCTL = 1
-
-60
-
µA
I15
Charge current low narrow
TISS, ISSCTL = 1
-
-124
-
µA
I15
Charge current high narrow TISS, ISSCTL = 1
-
-110
-
µA
I15
Discharge current low
TISS, ISSCTL = 0
-
1
-
µA
I15
Discharge current high
TISS, ISSCTL = 0
-
15
-
µA
V15
Low voltage
ISSCTL = 0
-
0.1
-
V
V15
High voltage
ISSCTL = 1
-
4.9
-
V
ISS filter switch threshold
V15
Threshold ISS on
ISSCTL = 0
-
3
-
V
V15
Threshold ISS off
ISSCTL = 0
-
1
-
V
V15
Threshold ISS narrow on
ISSCTL = 0
-
4
-
V
V15
Threshold ISS narrow off
ISSCTL = 0
-
2
-
V
I20
Charge current low
TDEV
-
-20
-
µA
I20
Charge current high
TDEV
-
-34
-
µA
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com