Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 35 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 35 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 31Page - STMicroelectronics TDA7512F Datasheet HTML 32Page - STMicroelectronics TDA7512F Datasheet HTML 33Page - STMicroelectronics TDA7512F Datasheet HTML 34Page - STMicroelectronics TDA7512F Datasheet HTML 35Page - STMicroelectronics TDA7512F Datasheet HTML 36Page - STMicroelectronics TDA7512F Datasheet HTML 37Page - STMicroelectronics TDA7512F Datasheet HTML 38Page - STMicroelectronics TDA7512F Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 45 page
background image
TDA7512F
Software specification
Doc ID 12668 Rev 2
35/45
Table 24.
Addr 16 not valid
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
11111111
has to be set
Table 25.
Addr 17 FM demodulator fine adjust
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
-
-
000000
0 mV
-
-
000001
+8.5 mV
-
-
000010
+17 mV
--
------
-
-
-
011111
+263.5 mV
-
-
100000
0 mV
-
-
100001
-8.5 mV
-
-
100010
-17 mV
--
------
-
-
-
111111
-263.5 mV
0
0
------
Spike cancelation ”OFF”
0
1
------
Threshold for spike cancelation 270 mV
1
0
------
Threshold for spike cancelation 520 mV
1
1
------
Threshold for spike cancelation 750 mV
Table 26.
Addr 18 s-meter slider
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
-
-
-
-
0
0
0
0
S meter slider offset SL=0dB
-
-
-
-
0
0
0
1
S meter offset SL=1dB
-
-
-
-
0
0
1
0
S meter offset SL=2dB
---
-----
-
-
-
-
-
1
1
1
1
S meter offset SL=15dB
---
0
----
S meter offset -SL
---
1
----
S meter offset +SL
--
0
-----
S Meter slope 1 V/decade
--
1
-----
S meter slope 1.5 V/decade
-
1
-
-----
has to be set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com