Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 11Page - STMicroelectronics TDA7512F Datasheet HTML 12Page - STMicroelectronics TDA7512F Datasheet HTML 13Page - STMicroelectronics TDA7512F Datasheet HTML 14Page - STMicroelectronics TDA7512F Datasheet HTML 15Page - STMicroelectronics TDA7512F Datasheet HTML 16Page - STMicroelectronics TDA7512F Datasheet HTML 17Page - STMicroelectronics TDA7512F Datasheet HTML 18Page - STMicroelectronics TDA7512F Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
TDA7512F
Electrical specifications
Doc ID 12668 Rev 2
15/45
I20
Discharge current low
TDEV
-
6
-
µA
I20
Discharge current high
TDEV
-
20
-
µA
DEVWTH
Internal low threshold
DWTH
-
30
-
kHz
DEVWTH
Internal high threshold
DWTH
-
75
-
kHz
RATIOmin
Referred to threshold
DTH
-
1
-
-
RATIOmax Referred to threshold
DTH
-
1.5
-
-
Softmute
VANT
Upper startpoint
SMTH, SMD, SLOPE = 0
-
10
-
dBµV
VANT
lower startpoint
SMTH, SMD, SLOPE = 0
-
3
-
dBµV
aSMmin
Min. softmute depth
SMD, SLOPE = 0, SMTHUpper
-18-
dB
aSMmax
Max. softmute depth
SMD, SLOPE = 0, SMTHUpper
-36-
dB
aSMTHISS
Mute depth threshold for
ISS filter on
SMCTH
0.2
-
2
dB
V
ACTH
Internal AC mute threshold
ACM
60
-
340
mV
aSMAC
AC mute depth
ACMD
4
-
10
dB
I42
Charge current
-
-
-47.5
-
µA
I42
Discharge current
-
-
2.5
-
µA
S/N over all
S/N
Signal to noise
VANT_min = 60 dBµV,
dev.= 40 kHz,LP=15 kHz
deemphasis t = 50 µs
66
-
-
dB
Additional parameters
Output of Tuning Voltages (TV1,TV2)
VOUT
Output voltage
TVO
0.5
-
VCC3-
0.5
V
ROUT
Output impedance
-
-
20
-
k
Ω
Xtal reference oscillator
fLO
Reference frequency
CLoad = 15 pF
-
10.25
-
MHz
CStep
Min. cap step
XTAL
-
0.75
-
pF
Cmax
Max. cap
XTAL
-
23.25
-
pF
Δf/f
Deviation versus VCC2
ΔVCC2 = 1 V
-
1.5
-
ppm/V
Δf/f
Deviation versus temp
-40°C < T < +85 °C
-
0.2
-
ppm/K
I2C bus interface
fSCL
Clock frequency
-
-
-
400
kHz
VIL
Input low voltage
-
-
-
-
V
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com