Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 37 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 37 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 33Page - STMicroelectronics TDA7512F Datasheet HTML 34Page - STMicroelectronics TDA7512F Datasheet HTML 35Page - STMicroelectronics TDA7512F Datasheet HTML 36Page - STMicroelectronics TDA7512F Datasheet HTML 37Page - STMicroelectronics TDA7512F Datasheet HTML 38Page - STMicroelectronics TDA7512F Datasheet HTML 39Page - STMicroelectronics TDA7512F Datasheet HTML 40Page - STMicroelectronics TDA7512F Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 45 page
background image
TDA7512F
Software specification
Doc ID 12668 Rev 2
37/45
Table 29.
Addr 21 I/Q mixer 1 adjust
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
--
--
0
0
0
0
-7 °C
--
--
0
0
0
1
-6 °C
--
--
0
0
1
0
-5 °C
--
---
---
-
--
--
0
1
1
1
0 °C
--
--
1
0
0
0
+1 °C
--
--
1
0
0
1
+2 °C
--
---
---
-
--
--
1
1
1
1
+8 °C
--
0
0
-
---
0 %
--
0
1
-
---
-1 %
--
1
0
-
---
+1 %
--
1
1
-
---
0 %
-
x
---
---
not used
0
-
-
-
-
-
-
-
Overdeviation correction current max = 45 µA
1
-
-
-
-
-
-
-
Overdeviation correction current max = 90 µA
Table 30.
Addr 22 test control 1
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
xxxxx
xxx
Only for testing ( have to be set to 0)
Table 31.
Addr 23 test control 2
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
xxx
xxxx
x
Only for testing ( have to be set to 0)
Table 32.
Addr 24 Test control 3
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
xx
xxxxxx
Only for testing ( have to be set to 0)
Table 33.
Addr 25 test control 4
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
x
x
x
x
x
x
x
x
Only for testing ( have to be set to 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com