Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7512F Datasheet(PDF) 16 Page - STMicroelectronics

Part # TDA7512F
Description  FM car-radio tuner IC with intelligent selectivity system (ISS)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7512F Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TDA7512F Datasheet HTML 12Page - STMicroelectronics TDA7512F Datasheet HTML 13Page - STMicroelectronics TDA7512F Datasheet HTML 14Page - STMicroelectronics TDA7512F Datasheet HTML 15Page - STMicroelectronics TDA7512F Datasheet HTML 16Page - STMicroelectronics TDA7512F Datasheet HTML 17Page - STMicroelectronics TDA7512F Datasheet HTML 18Page - STMicroelectronics TDA7512F Datasheet HTML 19Page - STMicroelectronics TDA7512F Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 45 page
background image
Electrical specifications
TDA7512F
16/45
Doc ID 12668 Rev 2
VIH
Input high voltage
-
3
-
-
V
IIN
Input current
-
-5
-
5
µA
VO
Output acknowledge
voltage
IO = 1.6 mA
-
-
0.4
V
Loop filter input/output
-IIN
Input leakage current
VIN = GND, PDOUT = Tristate
-0.1
-
0.1
µA
IIN
Input leakage current
VIN = VREF1
PDOUT = Tristate
-0.1
-
0.1
µA
VOL
Output voltage Low
IOUT = -0.2 mA
-
0.05
0.5
V
VOH
Output voltage High
IOUT = 0.2 mA
VCC3-
0.5
VCC3-
0.05
-V
IOUT
Output current, sink
VOUT = 1 V to VCC3-1 V
-
-
10
mA
IOUT
Output current, source
VOUT = 1 V to VCC3-1 V
-10
-
-
mA
Voltage controlled oscillator (VCO)
fVCOmin
Minimum VCO frequency
-
160
-
-
MHz
fVCOmax
Maximum VCO frequency
-
-
-
260
MHz
C/N
Carrier to Noise
fVCO= 200 MHz, Δf=1 kHz,
B=1 Hz, closed loop
-80-
dBc
SSTOP output (open collector)
V24
Output voltage low
I24 = -200 µA
-
0.2
0.5
V
V24
Output voltage high
-
-
-
5
V
-I24
Output leakage current
V24 = 5 V
-0.1
-
0.1
µA
I24
Output current, sink
V24 = 0.5 - 5 V
-
-
1
mA
ISSSTATUS output (open drain)
V58
Output voltage low, ISS-
Filter “ON”
I24 = -200 µA
-
0.2
0.5
V
V58
Output voltage high, ISS-
Filter “OFF”
--
-
5
V
-I58
Output leakage current
V24 = 5 V
-0.1
-
0.1
µA
I58
Output current, sink
V24 = 0.5 - 5 V
-
-
300
µA
Table 5.
Electrical characteristics (continued)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com