Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 35 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 35 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 39Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
35
3D SURROUND
The 3D-stereo surround effect is part of the SE1 block. This function uses time delays and controlled
cross-talk mechanisms to adjust the depth or width of the stereo audio. The 3D-stereo surround effect
includes programmable high-pass or low-pass filtering to limit the 3D effect to specific frequency
bands if required. The structure of the 3D surround processing is illustrated in Figure 15.
HPF
LPF
bypass
HPF
LPF
bypass
z-n
z-n
+
+
L
R
forward_l
forward_r
cross_r
cross_l
Figure 15 3D Surround Processing
The 3D surround depth is programmable; the default setting is OFF. The 3D surround processing can
also be configured to create a mono mix of the Left and Right channels.
The 3D effect is enabled on the left and right channels using the SE1_3D_L_ENA and
SE1_3D_R_ENA register bits defined in Table 13. These bits can be set independently of each other.
For the derivation of the other associated registers, refer to the configuration tools supplied with the
WM8946 Evaluation Kit.
5-NOTCH FILTER
The 5-notch filter is part of the SE1 block. This function allows up to 5 programmable frequency
bands to be attenuated. The frequency and width of each notch is configurable; the depth of the
attenuation may also be adjusted. The default setting is bypass (OFF).
The notch filters may be enabled on the left and right channels using the SE1_NOTCH_L_ENA and
SE1_NOTCH_R_ENA register bits defined in Table 13. Note that, although the 5-notch filter can be
enabled on the left/right channels independently, the parameters that define the notch filters apply
equally to the left and right channels, when enabled.
The notch filter coefficients are programmed in registers R72 to R91. For the derivation of these
registers, refer to the configuration tools supplied with the WM8946 Evaluation Kit.
Note that the notch filters should not be configured for centre-frequencies below 120Hz. To apply
filtering at low frequencies, the SE1 High Pass Filter should be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com