Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 85 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 85 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 89Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
85
EXAMPLE FLL SETTINGS
Table 56 provides example FLL settings for generating common SYSCLK frequencies from a variety
of low and high frequency reference inputs.
FREF
FOUT
FLL_CLK_
REF_DIV
FVCO
FLL_N
FLL_K
FLL_
FRATIO
FLL_
OUTDIV
FLL_
FRAC
8.000
kHz
22.5792
MHz
divide by 1
(0h)
90.3168
MHz
705
(2C1h)
0.6
(9999h)
16
(4h)
4
(1h)
1
8.000
kHz
24.576
MHz
divide by 1
(0h)
98.304
MHz
768
(300h)
0.0
(0000h)
16
(4h)
4
(1h)
0
32.768
kHz
22.5792
MHz
divide by 1
(0h)
90.3168
MHz
344
(158h)
0.53125
(8800h)
8
(3h)
4
(1h)
1
32.768
kHz
24.576
MHz
divide by 1
(0h)
98.304
MHz
375
(177h)
0.0
(0000h)
8
(3h)
4
(1h)
0
768.000
kHz
22.5792
MHz
divide by 1
(0h)
90.3168
MHz
14
(00Eh)
0.7
(B333h)
8
(3h)
4
(1h)
1
768.000
kHz
24.576
MHz
divide by 1
(0h)
98.304
MHz
16
(010h)
0.0
(0000h)
8
(3h)
4
(1h)
0
1.024
MHz
22.5792
MHz
divide by 1
(0h)
90.3168
MHz
88
(058h)
0.2
(3333h)
1
(0h)
4
(1h)
1
1.024
MHz
24.576
MHz
divide by 1
(0h)
98.304
MHz
96
(060h)
0.0
(0000h)
1
(0h)
4
(1h)
0
6.144
MHz
22.5792
MHz
divide by 1
(0h)
90.3168
MHz
14
(00Eh)
0.7
(B333h)
1
(0h)
4
(1h)
1
6.144
MHz
24.576
MHz
divide by 1
(0h)
98.304
MHz
16
(010h)
0.0
(0000h)
1
(0h)
4
(1h)
0
11.2896
MHz
22.5792
MHz
divide by 1
(0h)
90.3168
MHz
8
(008h)
0.0
(0000h)
1
(0h)
4
(1h)
0
11.2896
MHz
24.576
MHz
divide by 1
(0h)
98.304
MHz
8
(008h)
0.70749
(B51Eh)
1
(0h)
4
(1h)
1
12.000
MHz
22.5792
MHz
divide by 1
(0h)
90.3168
MHz
7
(007h)
0.5264
(86C2h)
1
(0h)
4
(1h)
1
12.000
MHz
24.576
MHz
divide by 1
(0h)
98.304
MHz
8
(008h)
0.192
(3127h)
1
(0h)
4
(1h)
1
12.288
MHz
22.5792
MHz
divide by 1
(0h)
90.3168
MHz
7
(007h)
0.35
(599Ah)
1
(0h)
4
(1h)
1
12.288
MHz
24.576
MHz
divide by 1
(0h)
98.304
MHz
8
(008h)
0.0
(0000h)
1
(0h)
4
(1h)
0
13.000
MHz
22.5792
MHz
divide by 1
(0h)
90.3168
MHz
6
(006h)
0.94745
(F28Ch)
1
(0h)
4
(1h)
1
13.000
MHz
24.576
MHz
divide by 1
(0h)
98.304
MHz
7
(007h)
0.56185
(8FD5h)
1
(0h)
4
(1h)
1
19.200
MHz
22.5792
MHz
divide by 2
(1h)
90.3168
MHz
9
(009h)
0.408
(6873h)
1
(0h)
4
(1h)
1
19.200
MHz
24.576
MHz
divide by 2
(1h)
98.304
MHz
10
(00Ah)
0.24
(3D71h)
1
(0h)
4
(1h)
1
27.000
MHz
22.5792
MHz
divide by 2
(1h)
90.3168
MHz
6
(006h)
0.69013
(B0Adh)
1
(0h)
4
(1h)
1
27.000
MHz
24.576
MHz
divide by 2
(1h)
98.304
MHz
7
(007h)
0.28178
(4823h)
1
(0h)
4
(1h)
1
Table 56 Example FLL Settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com