Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
7
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
A1
SPKVDD
Supply
Supply for speaker driver
A2
LDOVOUT
Supply
LDO output
A3
LDOVDD
Supply
LDO supply input
A4
VMIDC
Analogue Output
Midrail voltage decoupling capacitor
A5
DNC
N/A
Do Not Connect
A6
DNC
N/A
Do Not Connect
B1
SPKOUTR
Analogue Output
Right speaker mixer output
B2
SPKOUTL
Analogue Output
Left speaker mixer output
B3
GND
Supply
Ground
B4
DNC
N/A
Do Not Connect
B5
DNC
N/A
Do Not Connect
B6
AUX1
Analogue Input
Aux audio input
C1
LINEOUTL
Analogue Output
Left line mixer output
C2
LINEOUTR
Analogue Output
Right line mixer output
C3
ADCDAT
Digital Output
ADC / Digital Microphone digital audio data
C4
MICBIAS
Analogue Output
Microphone bias
C5
AUX2
Analogue Input
Aux audio input
C6
IN2L
Analogue Input
Left input 2
D1
VBREFR
Analogue Output
Video buffer current reference resistor connection
D2
VBOUT
Analogue Output
Video buffer output
D3
CS
¯¯ /GPIO2
Digital Input / Output
Chip Select / GPIO2
D4
IN1L/DMICDAT
Analogue Input / Digital Input
Left input 1 / Digital Microphone data input
D5
IN1R
Analogue Input
Right input 1
D6
IN2R
Analogue Input
Right input 2
E1
VBIN
Analogue Input
Video buffer input
E2
BCLK
Digital Input / Output
Audio interface bit clock
E3
LRCLK
Digital Input / Output
Audio interface left / right clock
E4
SDOUT/GPIO4
Digital Input / Output
Control interface data output / GPIO4
E5
DCVDD
Supply
Digital core supply
E6
SDA
Digital Input / Output
Control interface data input / output
F1
MCLK
Digital Input
Master clock
F2
DACDAT
Digital Input
DAC digital audio data
F3
GPIO1
Digital Input / Output
GPIO1
F4
CIFMODE/GPIO3
Digital Input / Output
Control interface mode select / GPIO3
F5
DBVDD
Supply
Digital buffer (I/O) supply
F6
SCLK
Digital Input
Control interface clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com