Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
55
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0
AUX1_TO_OUTL
0
AUX1 Audio Input to Left Output
Mixer select
0 = Disabled
1 = Enabled
R51 (33h)
Line L mixer
control 2
6
BYPL_TO_OUTL
_ATTEN
0
Left Input PGA (ADC bypass) to
Left Output Mixer attenuation
0 = 0dB
1 = -6dB attenuation
3
DACL_TO_OUTL
_ATTEN
0
Left DAC to Left Output Mixer
attenuation
0 = 0dB
1 = -6dB attenuation
2
DACR_TO_OUTL
_ATTEN
0
Right DAC to Left Output Mixer
attenuation
0 = 0dB
1 = -6dB attenuation
1
AUX2_TO_OUTL
_ATTEN
0
AUX2 Audio Input to Left Output
Mixer attenuation
0 = 0dB
1 = -6dB attenuation
0
AUX1_TO_OUTL
_ATTEN
0
AUX1 Audio Input to Left Output
Mixer attenuation
0 = 0dB
1 = -6dB attenuation
Table 31 Left Output Mixer (MIXOUTL) Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R42 (2Ah)
Output ctrl
9
LINER_MUTE
1
LINEOUTR Output Mute
0 = Disable Mute
1 = Enable Mute
R50 (32h)
Line R mixer
control 1
6
BYPR_TO_OUTR
0
Right Input PGA (ADC bypass) to
Right Output Mixer select
0 = Disabled
1 = Enabled
5
MDACL_TO_OUT
R
0
Inverted Left DAC to Right Output
Mixer select
0 = Disabled
1 = Enabled
4
MDACR_TO_OU
TR
0
Inverted Right DAC to Right Output
Mixer select
0 = Disabled
1 = Enabled
3
DACL_TO_OUTR
0
Left DAC to Right Output Mixer
select
0 = Disabled
1 = Enabled
2
DACR_TO_OUTR
0
Right DAC to Right Output Mixer
select
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com