Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
15
POWER CONSUMPTION
Typical power consumption
DCVDD
DBVDD
LDOVDD
SPKVDD
Total
Total
Condition
1.8
3.3
3.3
3.3
Current (mA)
Power (mW)
Powerdown (no data)
0.178
0.062
0.007
0.002
0.267
0.555
Powerdown (+Master BIAS)
0.178
0.062
0.021
0.002
0.282
0.603
Powerdown (+Master BIAS+VMID buffer)
0.178
0.062
0.142
0.002
0.403
1.001
Powerdown (+Master BIAS+VMID buffer+VMID)
0.178
0.063
1.092
0.002
1.353
4.137
Playback to Lineout (no data)
4.272
0.057
2.336
0.007
6.672
15.609
Playback to Lineout (with data)
4.293
0.062
2.356
0.007
6.718
15.728
Video Buffer Only
0.178
0.062
5.088
0.020
5.348
17.380
Playback to Speaker (no data)
4.272
0.057
2.877
4.707
11.647
32.904
Playback to Speaker (with data)
4.294
0.062
2.895
4.730
11.696
33.095
Playback to Speaker (with data) 32ohm
4.295
0.062
2.895
5.790
13.042
36.595
Playback to Speaker (with data) 16ohm
4.295
0.062
2.896
6.275
13.528
38.199
Mono Record (nodata)
2.992
0.088
3.728
0.007
6.815
18.001
Mono Record (with data)
2.999
0.100
3.727
0.007
6.833
18.049
Stereo Record (no data)
4.652
0.128
6.692
0.007
11.479
30.903
Stereo Record (with data)
4.654
0.128
6.692
0.007
11.481
30.907
Playback and Record (no data)
5.673
0.120
10.054
4.408
20.255
58.333
All On
5.408
0.099
62.323
4.211
72.041
229.622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com