Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 175 page
background image
Production Data
WM8946
w
PD, July 2012, Rev 4.3
61
SPEAKER OUTPUT CONTROL
Each Speaker output has its own output mixer. This allows the output of the respective Speaker PGA
to be enabled or disabled, and also allows the Auxiliary input AUX1 to be routed directly to either
Speaker output. The two Speaker outputs can be muted also, using the SPKR_OP_MUTE and
SPKL_OP_MUTE.
The AUX1 path can be used to provide a fixed-gain signal path that is unaffected by the Speaker
PGA setting. This feature is intended for a “PC Beep” or similar applications.
Care should be taken when enabling more than one path to the Speaker Output mixers in order to
avoid clipping. The gain of each input path is adjustable using a selectable -6dB control in each path
to facilitate this.
When the AUX1 pin is used as an audio input, that pin must be configured for audio using the
AUX1_AUDIO register bit. This bit is defined in Table 2 (see “Analogue Input Signal Path”).
The Speaker Output control registers are described in Table 37.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3 (03h)
Power
Management
1
9
SPKR_OP_MUTE
1
SPKOUTR Output Mute
0 = Disable Mute
1 = Enable Mute
8
SPKL_OP_MUTE
1
SPKOUTL Output Mute
0 = Disable Mute
1 = Enable Mute
R43 (2Bh)
SPK mixer
control 1
8
AUX1_TO_SPKL
0
AUX1 Audio Input to Left Speaker
Output select
0 = Disabled
1 = Enabled
7
PGAL_TO_SPKL
0
Left Speaker PGA Mixer to Left
Speaker Output select
0 = Disabled
1 = Enabled
R44 (2Ch)
SPK mixer
control 2
8
AUX1_TO_SPKR
0
AUX1 Audio Input to Right Speaker
Output select
0 = Disabled
1 = Enabled
7
PGAR_TO_SPKR
0
Right Speaker PGA Mixer to Right
Speaker Output select
0 = Disabled
1 = Enabled
R45 (2Dh)
SPK mixer
control 3
8
AUX1_TO_SPKL_
ATTEN
0
AUX1 Audio Input to Left Speaker
Output attenuation
0 = 0dB
1 = -6dB attenuation
7
PGAL_TO_SPKL
_ATTEN
0
Left Speaker PGA Mixer to Left
Speaker Output attenuation
0 = 0dB
1 = -6dB attenuation
R46 (2Eh)
SPK mixer
control 4
8
AUX1_TO_SPKR
_ATTEN
0
AUX1 Audio Input to Right Speaker
Output attenuation
0 = 0dB
1 = -6dB attenuation
7
PGAR_TO_SPKR
_ATTEN
0
Right Speaker PGA Mixer to Right
Speaker Output attenuation
0 = 0dB
1 = -6dB attenuation
Table 37 Speaker Output Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com