Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
80
DIGITAL MIC CLOCKING
When any GPIO is configured as DMICCLK output, the WM8946 outputs a clock which supports
Digital Mic operation at the ADC sampling rate. Although the ADC is not used, the SYSCLK and
Sample Rate control fields must still be set as they would for ADC operation.
The clock frequencies for each of the sample rates is shown in Table 52.
PCM SAMPLE RATE
DMICCLK
FS RATE
8kHz
1.024MHz
128fs
11.025kHz
1.411MHz
128fs
12kHz
1.536MHz
128fs
16kHz
2.048MHz
128fs
22.05kHz
2.8224MHz
128fs
24kHz
3.072MHz
128fs
32kHz
2.048MHz
64fs
44.1kHz
2.8224MHz
64fs
48kHz
3.072MHz
64fs
Table 52 Digital Microphone Clock Frequencies
FREQUENCY LOCKED LOOP (FLL)
The integrated FLL can be used to generate SYSCLK from a wide variety of different reference
sources and frequencies. The FLL uses MCLK as its reference, which may be a high frequency (e.g.
12.288MHz) or low frequency (e.g. 32,768kHz) reference. The FLL is tolerant of jitter and may be
used to generate a stable SYSCLK from a less stable input signal. The FLL characteristics are
summarised in “Electrical Characteristics”.
The FLL is enabled using the FLL_ENA register bit. At initial power on the VMID voltage must be
allowed to settle at its final vale before enabling the FLL. Note that, when changing FLL settings, it is
recommended that the digital circuit be disabled via FLL_ENA and then re-enabled after the other
register settings have been updated. When changing the input reference frequency FREF, it is
recommended that the FLL be reset by setting FLL_ENA to 0.
The field FLL_CLK_REF_DIV provides the option to divide the input reference (MCLK) by 1, 2, 4 or 8.
This field should be set to bring the reference down to 13.5MHz or below. For best performance, it is
recommended that the highest possible frequency – within the 13.5MHz limit – should be selected.
The field FLL_CTRL_RATE controls internal functions within the FLL; it is recommended that only the
default setting be used for this parameter. FLL_GAIN controls the internal loop gain and should be set
to the recommended value.
The FLL output frequency is directly determined from FLL_FRATIO, FLL_OUTDIV and the real
number represented by FLL_N and FLL_K. The field FLL_N is an integer (LSB = 1); FLL_K is the
fractional portion of the number (MSB = 0.5). The fractional portion is only valid when enabled by the
field FLL_FRAC.
Power consumption in the FLL is reduced in integer mode; however, the performance may also be
reduced, with increased noise or jitter on the output.
If low power consumption is required, then FLL settings must be chosen where N.K is an integer (i.e.
FLL_K = 0). In this case, the fractional mode can be disabled by setting FLL_FRAC = 0.
For best FLL performance, a non-integer value of N.K is required. In this case, the fractional mode
must be enabled by setting FLL_FRAC = 1. The FLL settings must be adjusted, if necessary, to
produce a non-integer value of N.K.
The FLL output frequency is generated according to the following equation:
FOUT = (FVCO / FLL_OUTDIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com