Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8946 Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8946
Description  Stereo Low-Power CODEC with Video Buffer
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8946 Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8946 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8946 Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 175 page
background image
WM8946
Production Data
w
PD, July 2012, Rev 4.3
30
ADC VOLUME CONTROL
The output of the ADCs can be digitally amplified or attenuated over a range from -71.625dB to
+23.625dB in 0.375dB steps. The volume of each channel can be controlled separately using
ADCL_VOL or ADCR_VOL. The ADC Volume is part of the ADC Digital Filters block. The gain for a
given eight-bit code X is given by:
0.375
 (X-192) dB for 1  X  255;
MUTE for X = 0
The ADC_VU bit controls the loading of digital volume control data. When ADC_VU is set to 0, the
ADCL_VOL or ADCR_VOL control data is loaded into the respective control register, but does not
actually change the digital gain setting. Both left and right gain settings are updated when a 1 is
written to ADC_VU. This makes it possible to update the gain of both channels simultaneously.
The output of the ADCs can be digitally muted using the ADCL_MUTE or ADCR_MUTE bits. Both
ADCs are muted simultaneously when the ADC_MUTEALL bit is set.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R25 (19h)
ADC Control 1
8
ADC_MUTEALL
0
ADC Digital Mute for All Channels
0 = Disable Mute
1 = Enable Mute on all channels
R27 (1Bh)
Left ADC
Digital Vol
12
ADC_VU
0
ADC Volume Update
Writing a 1 to this bit will cause
Left and Right ADC volume to be
updated simultaneously
8
ADCL_MUTE
0
Left ADC Digital Mute
0 = Disable Mute
1 = Enable Mute
7:0
ADCL_VOL [7:0]
1100_0000
(0dB)
Left ADC Digital Volume
0000_0000 = mute
0000_0001 = -71.625dB
0000_0010 = -71.250dB
…
1100_0000 = 0dB
...
1111_1111 = +23.625dB
(See Table 9 for volume range)
R28 (1Ch)
Right ADC
Digital Vol
12
ADC_VU
0
ADC Volume Update
Writing a 1 to this bit will cause
Left and Right ADC volume to be
updated simultaneously
8
ADCR_MUTE
0
Right ADC Digital Mute
0 = Disable Mute
1 = Enable Mute
7:0
ADCR_VOL [7:0]
1100_0000
(0dB)
Right ADC Digital Volume
0000_0000 = mute
0000_0001 = -71.625dB
0000_0010 = -71.250dB
…
1100_0000 = 0dB
...
1111_1111 = +23.625dB
(See Table 9 for volume range)
Table 8 ADC Digital Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com